Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC327
Description  PNP Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC327 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC327_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC327_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC327_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BC327 / BC328
PNP Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
2
Base
3
Emitter
Collector
1
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Power Dissipation
CLASSIFICATION OF hFE (1)
Product-Rank
BC327-16
BC327-25
BC327-40
Product-Rank
BC328-16
BC328-25
BC328-40
Range
100~250
160~400
250~630
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
BC327
-50
Collector to Base Voltage
BC328
VCBO
-30
V
BC327
-45
Collector to Emitter Voltage
BC328
VCEO
-25
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-800
mA
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
TO-92
1
1
1
1Collector
2
2
2
2Base
3
3
3
3Emitter
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - BC327_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC327-16 MOTOROLA-BC327-16 Datasheet
160Kb / 4P
Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327-16 PHILIPS-BC327-16 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC327-16 SIEMENS-BC327-16 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC327-16 DIOTEC-BC327-16 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC327-16 ONSEMI-BC327-16 Datasheet
147Kb / 5P
Amplifier Transistors
December, 2006 ??Rev. 4
More results

Similar Description - BC327_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com