Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC327
Description  PNP Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC327 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC327_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC327_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC327_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BC327 / BC328
PNP Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BC327
-50
-
-
Collector to Base Breakdown
Voltage
BC328
V(BR)CBO
-30
-
-
V
IC= -100µA, IE=0
BC327
-45
-
-
Collector to Emitter Breakdown
Voltage
BC328
V(BR)CEO
-25
-
-
V
IC= -10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -10µA, IC=0
BC327
-
-
-0.1
VCB= -45V, IE=0
Collector Cut-Off Current
BC328
ICBO
-
-
-0.1
µ
A
VCB= -25V, IE=0
BC327
-
-
-0.2
VCE= -40V, IB=0
Collector Cut-Off Current
BC328
ICEO
-
-
-0.2
µ
A
VCE= -20V, IB=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µ
A
VEB= -4V, IC=0
hFE (1)
100
-
630
VCE= -1V, IC= -100mA
DC Current Gain
hFE (2)
40
-
-
VCE= -1V, IC= -300mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.7
V
IC= -500mA, IB= -50mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
-1.2
V
IC= -500mA, IB= -50mA
Base-Emitter Voltage
VBE
-
-
-1.2
V
VCE= -1V, IC= -300mA
Transition Frequency
fT
260
-
-
MHz VCE= -5V, IC= -10mA, f=100MHz
Collector Output Capacitance
Cob
-
12
-
pF
VCB= -10V, IE=0, f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com