Electronic Components Datasheet Search
  English  ▼

X  

AMC1203B Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC1203B
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1203B Datasheet(HTML) 2 Page - Texas Instruments

  AMC1203B Datasheet HTML 1Page - Texas Instruments AMC1203B Datasheet HTML 2Page - Texas Instruments AMC1203B Datasheet HTML 3Page - Texas Instruments AMC1203B Datasheet HTML 4Page - Texas Instruments AMC1203B Datasheet HTML 5Page - Texas Instruments AMC1203B Datasheet HTML 6Page - Texas Instruments AMC1203B Datasheet HTML 7Page - Texas Instruments AMC1203B Datasheet HTML 8Page - Texas Instruments AMC1203B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
AMC1204
SBAS512A
– APRIL 2011 – REVISED APRIL 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information see the Package Option Addendum at the end of this
document, or visit the device product folder on www.ti.com.
FAMILY OVERVIEW
MODULATOR
DIGITAL
GAIN ERROR
PART NUMBER
CLOCK (MHz)
SUPPLY
CLOCK SOURCE
INL (LSB)
(%)
THD (dB)
AMC1203
10
5V
Internal
±9
±2
–84.5
AMC1203B
10
5V
Internal
±6
±1
–88
AMC1204
20
3V, 3.3V, or 5V
External
±8
±2
–80
ABSOLUTE MAXIMUM RATINGS
(1)
Over the operating ambient temperature range, unless otherwise noted.
AMC1204
PARAMETER
MIN
MAX
UNIT
Supply voltage, AVDD to AGND or DVDD to DGND
–0.3
+6
V
Analog input voltage at VINP, VINN
AGND
– 0.5
AVDD + 0.5
V
Digital input voltage at CLKIN
DGND
– 0.3
DVDD + 0.3
V
Input current to any pin except supply pins
–10
+10
mA
Maximum virtual junction temperature, TJ
+150
°C
Operating ambient temperature range, TOA
–40
+125
°C
Human body model (HBM)
–3000
+3000
V
JEDEC standard 22, test method A114-C.01
Electrostatic discharge (ESD),
Charged device model (CDM)
–1500
+1500
V
all pins
JEDEC standard 22, test method C101
Machine model (MM)
–200
+200
V
JEDEC standard 22, test method A115A
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
AMC1204
THERMAL METRIC(1)
DW
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance
78.5
θJCtop
Junction-to-case (top) thermal resistance
41.3
θJB
Junction-to-board thermal resistance
50.2
°C/W
ψJT
Junction-to-top characterization parameter
11.5
ψJB
Junction-to-board characterization parameter
41.2
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC1204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com