Electronic Components Datasheet Search
  English  ▼

X  

AMC1203B Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC1203B
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1203B Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1203B Datasheet HTML 9Page - Texas Instruments AMC1203B Datasheet HTML 10Page - Texas Instruments AMC1203B Datasheet HTML 11Page - Texas Instruments AMC1203B Datasheet HTML 12Page - Texas Instruments AMC1203B Datasheet HTML 13Page - Texas Instruments AMC1203B Datasheet HTML 14Page - Texas Instruments AMC1203B Datasheet HTML 15Page - Texas Instruments AMC1203B Datasheet HTML 16Page - Texas Instruments AMC1203B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
0
-140
-80
-60
-40
-20
0
35
40
Frequency(kHz)
-100
-120
30
25
20
15
10
5
0
-140
-80
-60
-40
-20
0
35
40
Frequency(kHz)
-100
-120
30
25
20
15
10
5
0
2
4
6
8
10
12
14
16
4.5
5
5.5
AVDD (V)
0
2
4
6
8
10
12
14
16
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0
2
4
6
8
10
12
14
16
5
10
15
20
25
Clock Frequency (MHz)
0
2
4
6
8
10
12
14
16
2.7
3
3.3
3.6
DVDD (V)
AMC1204
www.ti.com
SBAS512A
– APRIL 2011 – REVISED APRIL 2011
TYPICAL CHARACTERISTICS (continued)
At AVDD = 5V, DVDD = 3.3V, VINP =
–250mV to +250mV, VINN = 0V, and sinc
3 filter with OSR = 256, unless otherwise
noted.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(4096 point FFT, fIN = 1kHz, 056VPP)
(4096 point FFT, fIN = 5kHz, 056VPP)
Figure 32.
Figure 33.
ANALOG SUPPLY CURRENT
vs ANALOG SUPPLY VOLTAGE
ANALOG SUPPLY CURRENT vs TEMPERATURE
Figure 34.
Figure 35.
DIGITAL SUPPLY CURRENT
ANALOG SUPPLY CURRENT vs CLOCK FREQUENCY
vs DIGITAL SUPPLY VOLTAGE (3V)
Figure 36.
Figure 37.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AMC1204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com