Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  Processor Supply with I2C Compatible Interface and Remote Sense
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62360 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62360 Datasheet HTML 1Page - Texas Instruments TPS62360 Datasheet HTML 2Page - Texas Instruments TPS62360 Datasheet HTML 3Page - Texas Instruments TPS62360 Datasheet HTML 4Page - Texas Instruments TPS62360 Datasheet HTML 5Page - Texas Instruments TPS62360 Datasheet HTML 6Page - Texas Instruments TPS62360 Datasheet HTML 7Page - Texas Instruments TPS62360 Datasheet HTML 8Page - Texas Instruments TPS62360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
TPS62360, TPS62361B, TPS62362
SLVSAU9
– MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PACKAGE MARKING
PACKAGE
DEVICE SPECIFIC FEATURES(1)
TPS62360(2)
See PACKAGE SUMMARY
CSP-16
VOUT = 0.77V to 1.4V, 10mV Steps
Section
TPS62361B(3)
See PACKAGE SUMMARY
CSP-16
VOUT = 0.5V to 1.77V, 10mV Steps
Section
TPS62362 (4)
See PACKAGE SUMMARY
CSP-16
VOUT = 0.77V to 1.4V, 10mV Steps
Section
(1)
Contact the factory to check availability of other output voltage or feature versions.
(2)
The YZH package is available in tape and reel. Add R suffix (TPS62360YZHR) to order quantities of 3000 parts per reel, T suffix for 250
parts per reel (TPS62360YZHT). For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or visit the device product folder on ti.com.
(3)
The YZH package is available in tape and reel. Add R suffix (TPS62361BYZHR) to order quantities of 3000 parts per reel, T suffix for
250 parts per reel (TPS62361BYZHT). For the most current package and ordering information, see the Package Option Addendum at
the end of this document, or visit the device product folder on ti.com.
(4)
Product preview. Please contact TI for details.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
VIN, AVIN, SW pin(2)
–0.3
7
V
EN, VSEL0, VSEL1, SENSE+(2)
–0.3
(VAVIN+0.3V)
V
Voltage range
SENSE
–(2)
–0.3
0.3
V
SCL, SDA(2)
–0.3
(VDD+0.3V)
V
VDD(2)
–0.3
3.6
V
Continuous RMS VIN / SW
1275
mA
current(3)
Operating ambient temperature range, TA
(4)
–40
85
°C
Temperature
Maximum operating junction temperature, TJ (MAX)
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
Machine model
200
V
ESD rating(5)
Charge device model
500
V
Human body model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In order to be consistent with the TI reliability requirement for the silicon chips (100K Power-On-Hours at 105
°C junction temperature),
the current should not continuously exceed 1275mA in the VIN pin and 2550mA in the SW pins so as to prevent electromigration failure
in the solder. See THERMAL AND DEVICE LIFE TIME INFORMATION.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)], the
maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
(5)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com