Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  Processor Supply with I2C Compatible Interface and Remote Sense
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62360 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 9Page - Texas Instruments TPS62360 Datasheet HTML 10Page - Texas Instruments TPS62360 Datasheet HTML 11Page - Texas Instruments TPS62360 Datasheet HTML 12Page - Texas Instruments TPS62360 Datasheet HTML 13Page - Texas Instruments TPS62360 Datasheet HTML 14Page - Texas Instruments TPS62360 Datasheet HTML 15Page - Texas Instruments TPS62360 Datasheet HTML 16Page - Texas Instruments TPS62360 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
1m
10m
100m
1
3
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62361B
VOUT = 1.2V
TA = 25°C
G013
0.85
0.86
0.87
0.88
0.89
0.90
0.91
0.92
0.93
0.94
0.95
1m
10m
100m
1
3
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62361B
VOUT = 0.9V
TA = 25°C
G014
Time Base - 20 s/Div
G017
TPS62361B
RAMP[2:0] = 000 (32mV/ s)
I
= 0A
V
= 3.6V
OUT
IN
V
= 0.5V
OUT
V
200mV/Div
OUT
Inductor Current 200mA/Div
EN 2V/DIV
0.55
0.56
0.57
0.58
0.59
0.60
0.61
0.62
0.63
0.64
0.65
1m
10m
100m
1
3
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62361B
VOUT = 0.6V
TA = 25°C
G015
TPS62360, TPS62361B, TPS62362
www.ti.com
SLVSAU9
– MAY 2011
TYPICAL CHARACTERISTICS (continued)
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
VOUT = 1.2V
VOUT = 0.9V
Figure 15.
Figure 16.
DC OUTPUT VOLTAGE
vs
OUTPUT CURRENT
STARTUP INTO NO LOAD
VOUT = 0.6V
VOUT = 0.5V
Figure 17.
Figure 18.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62360 TPS62361B TPS62362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com