Electronic Components Datasheet Search
  English  ▼

X  

ARF475FL Datasheet(PDF) 3 Page - Microsemi Corporation

Part # ARF475FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF475FL Datasheet(HTML) 3 Page - Microsemi Corporation

  ARF475FL Datasheet HTML 1Page - Microsemi Corporation ARF475FL Datasheet HTML 2Page - Microsemi Corporation ARF475FL Datasheet HTML 3Page - Microsemi Corporation ARF475FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF475FL
Table 1 - Typical Series Equivalent Large Signal Input - Output Impedance
Freq. (MHz)
Zin (Ω) gate to gate
Z
OL (
Ω) drain - drain
30
60
90
120
150
5.2 -j10
1.37 -j5.2
.53 -j2.6
.25 -j1.0
.25 +j0.2
41 -j20
26 -j25
16 -j23
10 -j20
6.7 -j17
Zin - Gate -gate shunted with 25Ω IDQ = 15mA each side
Z
OL -
Conjugate of optimum load for 600 Watts peak output at Vdd = 150V
25% duty cycle and PW = 5ms
SINGLE PULSE
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 5a, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0.5
0.1
0.3
0.7
0.05
D = 0.9
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
Figure 5b, TRANSIENT THERMAL IMPEDANCE MODEL
0.0755
0.0893
0.0135F
0.161F
Dissipated Power
(Watts)
T
J (C)
T
C (C)
Z
EXT are the external thermal
impedances: Case to sink, sink to
ambient, etc. Set to zero when modeling
only the case to junction.
0.1
1
10
100
200
1
10
100
800
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Maximum Safe Operating Area
T
C =+25°C
T
J =+175°C
SINGLE PULSE
OPERATION HERE
LIMITED BY R
DS
(ON)
1ms
100ms
100µs
DC Line
10µs
10ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com