Electronic Components Datasheet Search
  English  ▼

X  

MMBT589 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT589
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT589 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT589 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT589 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT589 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
MMBT589
P
NP Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0.1
Figure 7. Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
10
0.01
0.1
1.0
10
100
0.1
1.0
Figure 8. Normalized Thermal Response
t, TIME (sec)
1.0E+00
1.0E-03
1.0E-02
1E-05
0.01
0.1
1.0
100
1000
1.0E-01
0.0001
0.001
10
100 ms
1 ms
10 ms
100 ms
1 s
2 s
SINGLE PULSE TEST AT Tamb = 25°C
D = 0.01
0.02
0.05
r(t)
0.2
0.5
01-Jun-2002 Rev. A
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com