Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222Q Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222Q
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222Q Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any changing of specification will not be informed individual
MMBT2222Q
NPN Silicon
General Purpose Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
Power dissipation
PCM : 1 W Ta mb=25
Collector current
ICM : 0.6 A
Collector-base voltage
V (BR)CBO: 75 V
Operating and storage junction temperature range
TJ Tstg : -55 to +150
ELECTRICAL
CHARACTERISTICS
Tamb=25
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 10
A
IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 10mA
IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10
A
IC=0
6
V
Collector cut-off current
ICBO
VCB=60V ,
IE=0
0. 01
A
Emitter cut-off current
IEBO
VEB= 3V ,
IC=0
0. 01
A
hFE(1)
VCE=10V,
IC= 0.1mA
35
hFE(2)
VCE=10V,
IC= 1mA
50
hFE(3)
VCE=10V,
IC= 10mA
75
hFE(4)
VCE=10V,
IC= 150mA
100
300
hFE(5)
VCE=1V,
IC= 150mA
50
DC current gain
hFE(6)
VCE=10V,
IC= 500mA
40
VCE(sat)
IC=500 mA, IB= 50mA
1
V
Collector-emitter saturation voltage
VCE(sat)
IC=150 mA, IB= 15mA
0.3
V
VBE(sat)
IC=500 mA, IB= 50mA
2.0
V
Base-emitter saturation voltage
VBE(sat)
IC=150 mA, IB=15mA
0.6
1.2
V
Transition frequency
fT
VCE=20V,
IC= 20mA
f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V,
IE= 0
f=1MHz
8
pF
Delay time
td
10
nS
Rise time
tr
VCC=30V, IC=150mA
VBE(off)=0.5V,IB1=15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=30V, IC=150mA
IB1= IB2= 15mA
60
nS
D
D1
C
A
b
b1
e
e1
Symbol
A
b
b1
c
D
D1
E
E1
e
e1
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
0.900
Max
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.100
Min
0.055
0.013
0.014
0.014
0.173
0.055
0.091
0.155
0.114
0.035
Max
0.063
0.020
0.022
0.017
0.181
0.071
0.102
0.167
0.122
0.043
Dimensions In Millimeters
Dimensions In Inches
0.060TYP
1.500TYP
SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
01-Jun-2002 Rev. A
Page 1 of 4


Similar Part No. - MMBT2222Q

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBT2222Q SECOS-MMBT2222Q_15 Datasheet
257Kb / 4P
General Purpose Transistor
More results

Similar Description - MMBT2222Q

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
ON Semiconductor
MMBT2907AWT1G ONSEMI-MMBT2907AWT1G Datasheet
89Kb / 3P
General Purpose Transistor
February, 2011 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com