Electronic Components Datasheet Search
  English  ▼

X  

MMBT2222Q Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222Q
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222Q Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MMBT2222Q
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 6. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70 100
5.0 7.0
30
50
200 300 500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t′s = ts - 1/8 tf
tf
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
0.1
Figure 8. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10 20
50
0.2
0.5
0
100
0.01 0.02 0.05
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
IC = 1.0 mA, RS = 150 Ω
500 μA, RS = 200 Ω
100 μA, RS = 2.0 kΩ
50 μA, RS = 4.0 kΩ
f = 1.0 kHz
IC = 50 μA
100 μA
500 μA
1.0 mA
4.0
6.0
8.0
10
2.0
0
50 100 200
500 1.0 k 2.0 k 5.0 k 10 k 20 k
50 k 100 k
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0 5.0 7.0 10
20 30
50
0.2 0.3 0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current–Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
VCE = 20 V
TJ = 25°C
01-Jun-2002 Rev. A
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com