Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2907A
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2907A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2907A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2907A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2907A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2907A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any changing of specification will not be informed individual
MMBT2907A
PNP Silicon
General Purpose Transistor
MAXIMUM RATINGS
Rating
Symbol
2907
2907A
Unit
Collector – Emitter Voltage
VCEO
–40
–60
Vdc
Collector – Base Voltage
VCBO
–60
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBT2907 = M2B; MMBT2907A = 2F
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(3)
(IC = –10 mAdc, IB = 0)
MMBT2907
MMBT2907A
V(BR)CEO
–40
–60
—
—
Vdc
Collector – Base Breakdown Voltage (IC = –10 mAdc, IE = 0)
V(BR)CBO
–60
—
Vdc
Emitter – Base Breakdown Voltage (IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
—
Vdc
Collector Cutoff Current (VCE = –30 Vdc, VBE(off) = –0.5 Vdc)
ICEX
—
–50
nAdc
Collector Cutoff Current
(VCB = –50 Vdc, IE = 0)
MMBT2907
MMBT2907A
(VCB = –50 Vdc, IE = 0, TA = 125°C)
MMBT2907
MMBT2907A
ICBO
—
—
—
—
–0.020
–0.010
–20
–10
µAdc
Base Current (VCE = –30 Vdc, VEB(off) = –0.5 Vdc)
IB
—
–50
nAdc
1. FR– 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
·
Epitaxial Planar Die Construction
·
Complementary NPN Type Available
(MMBT2222A)
·
Ideal for Medium Power Amplification and
Switching
FEATURES
3. Pulse Test: Pulse Width
300 s, Duty Cycle
2.0%.
REM : Thermal Clad is a trademark of the Bergquist Company.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
COLLECTOR
3
1
BASE
2
EMITTER
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23


Similar Part No. - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT2907A STMICROELECTRONICS-MMBT2907A Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Feb-2003
logo
Transys Electronics
MMBT2907A TRSYS-MMBT2907A Datasheet
193Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT2907A FAIRCHILD-MMBT2907A Datasheet
58Kb / 6P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A Datasheet
51Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30040 Rev. 4 - 2
More results

Similar Description - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com