Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2907A
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2907A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2907A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2907A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2907A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2907A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
MMBT2907A
PNP Silicon
General Purpose Transistor
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain
IC, Collector Current (mA)
0.3
0.5
0.7
1.0
3.0
0.2
–0.1
TJ = 125°C
25
°C
–55
°C
VCE = –1.0 V
VCE = –10 V
2.0
–0.2
–0.3
–0.5 –0.7
–1.0
–2.0
–3.0
–5.0 –7.0
–10
–20
–30
–50 –70
–100
–200
–300
–500
Figure 4. Collector Saturation Region
IB, Base Current (mA)
–0.4
–0.6
–0.8
–1.0
–0.2
0
IC = –1.0 mA
–0.005
–10 mA
–0.01
–100 mA
–500 mA
–0.02 –0.03 –0.05 –0.07 –0.1
–0.2
–0.3
–0.5 –0.7 –1.0
–2.0
–3.0
–5.0 –7.0 –10
–20
–30
–50
Figure 5. Turn–On Time
IC, Collector Current
300
–5.0
Figure 6. Turn–Off Time
IC, Collector Current (mA)
–5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
–7.0 –10
–20 –30
–50 –70 –100
–200 –300
–500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = –30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
–7.0 –10
–20 –30
–50 –70 –100
–200 –300 –500
200
tf
t
′s = ts – 1/8 tf
VCC = –30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com