Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA55
Description  Driver Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA55 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA55 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MMBTA55 / MMBTA56
PNP Silicon
Driver Transistor
SOT-23
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
MMBTA55
-60
Collector - Emitter Voltage
MMBTA56
VCEO
-80
V
MMBTA55
-60
Collector - Base Voltage
MMBTA56
VCBO
-80
V
Emitter - Base Voltage
VEBO
-4.0
V
Collector Current - Continuous
IC
-500
mA
THERMAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNIT
Total Device Dissipation FR-5 Board
(1) T
A = 25
225
mW
Derate Above 25
PD
1.8
mW /
Thermal Resistance, Junction to Ambient
R JA
556
/ W
Total Device Dissipation Alumina Substrate
(2), T
A = 25
300
mW
Derate Above 25
PD
2.4
mW /
Thermal Resistance, Junction to Ambient
R JA
417
/ W
Operating and Storage Junction Temperature Range
TJ, TSTG
-55 ~ +150
1. FR-5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
COLLE CTOR
3
1
BAS E
2
E MITTE R
Marking Code: MMBTA55:2H , MMBTA56:2GM
01-Jun-2002 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBTA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA55 FAIRCHILD-MMBTA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA55 DIODES-MMBTA55 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results

Similar Description - MMBTA55

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KST55 FAIRCHILD-KST55 Datasheet
44Kb / 3P
Driver Transistor
KST05 FAIRCHILD-KST05 Datasheet
44Kb / 3P
Driver Transistor
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G Datasheet
113Kb / 3P
Driver Transistor
August, 2009 ??Rev. 5
MMBTA06WT1G ONSEMI-MMBTA06WT1G Datasheet
139Kb / 5P
Driver Transistor
October, 2010 -- Rev. 2
SMMBTA06WT1G ONSEMI-SMMBTA06WT1G Datasheet
111Kb / 5P
Driver Transistor
November, 2012 ??Rev. 4
logo
Fairchild Semiconductor
KST06MTF FAIRCHILD-KST06MTF Datasheet
50Kb / 3P
Driver Transistor
logo
SeCoS Halbleitertechnol...
MMBTA55 SECOS-MMBTA55_15 Datasheet
285Kb / 4P
Driver Transistor
logo
Formosa MS
FMBTA55 FORMOSA-FMBTA55 Datasheet
496Kb / 9P
Driver Transistor
logo
ON Semiconductor
BSS64LT1G ONSEMI-BSS64LT1G_16 Datasheet
75Kb / 3P
Driver Transistor
November, 2016 ??Rev. 6
MMBTA56W ONSEMI-MMBTA56W Datasheet
109Kb / 5P
Driver Transistor
November, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com