Electronic Components Datasheet Search
  English  ▼

X  

MMBTA55 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA55
Description  Driver Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA55 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA55 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SWITCHING TIME EQUIVALENT TEST CIRCUITS
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Figure 2. Current–Gain — Bandwidth Product
Figure 3. Capacitance
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
-100
-200
-10
200
100
70
50
20
VR, REVERSE VOLTAGE (VOLTS)
-1.0
-100
-0.1
100
70
50
30
20
10
-2.0
VCE = -2.0 V
TJ = 25°C
-2.0 -3.0 -5.0 -7.0
-20 -30
-50 -70
30
7.0
5.0
-0.2
-0.5
-5.0 -10 -20
-50
TJ = 25°C
Cibo
Cobo
IC, COLLECTOR CURRENT (mA)
-10
-5.0
500
200
100
50
20
10
-100
-50
-200
-500
1.0 k
300
700
70
30
-7.0
-300
-70
-20 -30
VCC = -40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = -0.5 V
Figure 5. DC Current Gain
-2.0
-500
-0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
-10
TJ = 125°C
-1.0
-5.0
VCE = -1.0 V
-20
-100
-50
-200
25°C
-55°C
Figure 6. “ON” Voltages
-10
-500
-1.0
IC, COLLECTOR CURRENT (mA)
-1.0
-0.8
-0.6
-0.4
-0.2
0
-100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = -1.0 V
-0.5
-2.0
-5.0
-200
-20
-50
01-Jun-2002 Rev. A
Page 3 of 4
Elektronische Bauelemente
MMBTA55 / MMBTA56
PNP Silicon
Driver Transistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com