Electronic Components Datasheet Search
  English  ▼

X  

IP138A Datasheet(PDF) 4 Page - Seme LAB

Part # IP138A
Description  5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP138A Datasheet(HTML) 4 Page - Seme LAB

  IP138A Datasheet HTML 1Page - Seme LAB IP138A Datasheet HTML 2Page - Seme LAB IP138A Datasheet HTML 3Page - Seme LAB IP138A Datasheet HTML 4Page - Seme LAB IP138A Datasheet HTML 5Page - Seme LAB IP138A Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IP138A SERIES
IP138A SERIES
IP338A SERIES
IP338A SERIES
LM138 SERIES
Prelim. 4/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
0.5
0.4
0.3
0.2
0.1
0
0.1
-75
-50
-25
0
25
50
75
100
125
150
Temperature (˚C)
V
= 10V
OUT
V
= 15V
IN
= 5A
OUT
I
PRELOAD = 50mA
= 3A
OUT
I
0.0001
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency (Hz)
= 15V
IN
VOUT =10V
OUT = 500mA
I
V
ADJ
C= 0
OUT
C= 0
µF
ADJ
C
OUT
C
= 10
= 10
µF
30
35
40
45
50
55
60
65
-75
-50
-25
0
25
50
75
100
125
150
Temperature (˚C)
= 5A
OUT
I
1
2
4
3
-75
-50
-25
0
25
50
75
100
125
150
Temperature (˚C)
∆V
∆V
= 100mV
OUT
= 3A
OUT
I
= 1A
OUT
I
-50
-25
0
25
50
75
100
125
150
1.23
1.24
1.25
1.26
1.27
Temperature (˚C)
TJ = 25˚C
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
Input – Output Differential (V)
TJ = 150˚C
TJ = -55˚C
0.1
1
10
40
50
60
70
80
Output Current (A)
= 15V
IN
V
VOUT =10V
f = 120Hz
ADJ
C= 0
ADJ
C
= 10
µF
TCASE = 25˚C
Output Voltage (V)
0
5
10
15
20
25
30
35
0
20
40
60
80
100
-VOUT = 5V
IN
V
OUT = 500mA
I
f = 120Hz
ADJ
C
= 10
µF
ADJ
C= 0
TJ = 25˚C
ADJ
C= 0
Frequency (Hz)
10
100
1k
10k
100k
1M
0
20
40
60
80
100
ADJ
C
= 10
µF
VOUT = 10V
= 15V
IN
V
OUT = 500mA
I
Load Regulation
Output Impedance
Adjustment Current
Droput Voltage
Temperature Stability
Minimum Operating Current
Ripple Rejection
Ripple Rejection
Ripple Rejection
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com