Electronic Components Datasheet Search
  English  ▼

X  

IP138A Datasheet(PDF) 6 Page - Seme LAB

Part # IP138A
Description  5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP138A Datasheet(HTML) 6 Page - Seme LAB

  IP138A Datasheet HTML 1Page - Seme LAB IP138A Datasheet HTML 2Page - Seme LAB IP138A Datasheet HTML 3Page - Seme LAB IP138A Datasheet HTML 4Page - Seme LAB IP138A Datasheet HTML 5Page - Seme LAB IP138A Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IP138A SERIES
IP138A SERIES
IP338A SERIES
IP338A SERIES
LM138 SERIES
Prelim. 4/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Ω
µ
Ω
Ω
Ω
Ω
OUT
P
L
IN
IN
IN
8
6
4
3
2
7
1
25
F
1k
5
121
25
383
5V
VV
V
R
R
(Max Drop 300mV)
OUTPUT
RETURN
RETURN
V
LM301A
ADJ
IP138A
IN
OUT
IN
OUT
1F
1k
121
1k
383
V
V
5V
ADJ
VV
2N3904
TTL
IP138A
Ω
Ω
Ω
µ
Ω
IN
OUT
PP
1F
1%
249
39k
18k
100k
750
1%
3.24k
1%
ADJ
V
V
To
To OE
READ
WRITE
BYTE ERASE
CHIP ERASE
+24V
V
IP138A
All gates 7406.
Ω
µ
Ω
Ω
Ω
Ω
Ω
OUT
IN
IN
1F
R1
121
C1
10 F
R2
383
VV
ADJ
V
5V
IP138A
Ω
µ
µ
Ω
THERMALLY
COUPLE
IN
OUT
IN
20k
50
10k
50k
12V
243
2N3906
1N4001
VV
V
ADJ
IP138A
Ω
Ω
Ω
Ω
Ω
Remote Sensing
5V Regulator with Shut Down
Improving Ripple Rejection
Temperature Compensated Lead–Acid Battery Charger
OE
VPP
READ
0V
5V
WRITE
BYTE
5V
21V
CHIP ERASE 12V
21V
2816 EEPROM Supply Programmer for
Read/Write Control
APPLICATIONS INFORMATION
C1 improves ripple rejection.
XC should be small compared to R2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com