Electronic Components Datasheet Search
  English  ▼

X  

MMDT5451 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT5451
Description  Plastic-Encapsulated Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT5451 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMDT5451 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT5451 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT5451 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT5451 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MMDT5451
0.2 W, 200 mA, 180 V
Plastic-Encapsulated Transistor (Dual)
28-Oct-2009 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
B
L
F
H
C
J
D G
K
A
E
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
DUAL TRANSISTOR (NPN+PNP)
Epitaxial Planar Die Construction
Ideal for low Power Amplification and Switching
One 5551(NPN), one 5401(PNP)
MARKING : KNM
EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
PARAMETER
SYMBOL
NPN RATINGS
PNP RATINGS
UNIT
Collector-Base Voltage
VCBO
180
-160
V
Collector-Emitter Voltage
VCEO
160
-150
V
Emitter-Base Voltage
VEBO
6
-5
V
Collector Current -Continuous
IC
0.2
-0.2
A
Collector Power Dissipation
PC
0.2
0.2
W
Thermal Resistance. Junction to Ambient Air
RθJA
625
°C/W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
SOT-363
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
8°
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35
E1, B1, C1 = PNP 5401
E2, B2, C2 = NPN 5551


Similar Part No. - MMDT5451

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT5451 DIODES-MMDT5451 Datasheet
89Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. 8 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
204Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
NPN/PNP Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
MMDT5451 WINNERJOIN-MMDT5451 Datasheet
83Kb / 2P
Multi-Chip General Purpose TRANSISTOR (PNP and NPN)
More results

Similar Description - MMDT5451

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869 Datasheet
75Kb / 2P
Plastic Encapsulated Transistor
S9014W SECOS-S9014W Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
S9018W SECOS-S9018W Datasheet
301Kb / 2P
Plastic Encapsulated Transistor
2SB766A SECOS-2SB766A_15 Datasheet
247Kb / 2P
Plastic Encapsulated Transistor
BCP869 SECOS-BCP869_15 Datasheet
64Kb / 2P
Plastic Encapsulated Transistor
MMDT5451 SECOS-MMDT5451_15 Datasheet
438Kb / 4P
Plastic-Encapsulated Transistor
S9014W SECOS-S9014W_15 Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
S9018W SECOS-S9018W_15 Datasheet
301Kb / 2P
Plastic Encapsulated Transistor
logo
Galaxy Semi-Conductor H...
2SA1664 BILIN-2SA1664 Datasheet
135Kb / 3P
Plastic-Encapsulated Transistor
Rev.A
logo
Nanjing International G...
2SA1664 DGNJDZ-2SA1664 Datasheet
420Kb / 3P
Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com