Electronic Components Datasheet Search
  English  ▼

X  

LX1745 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1745
Description  Triple Output Boost ??LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1745 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1745 Datasheet HTML 4Page - Microsemi Corporation LX1745 Datasheet HTML 5Page - Microsemi Corporation LX1745 Datasheet HTML 6Page - Microsemi Corporation LX1745 Datasheet HTML 7Page - Microsemi Corporation LX1745 Datasheet HTML 8Page - Microsemi Corporation LX1745 Datasheet HTML 9Page - Microsemi Corporation LX1745 Datasheet HTML 10Page - Microsemi Corporation LX1745 Datasheet HTML 11Page - Microsemi Corporation LX1745 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LX1745
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Triple Output Boost – LED Driver / LCD Bias
Copyright
© 2000
Rev. 1.2, 2006-02-27
TM
®
APPLICATION NOTE
less than 100kHz, an external filter capacitor will be
needed (Figure 5). The value of CPWM is easily calculated
based on the PWM frequency and RPWM_1 using the
following equation.
1
_
PWM
PWM
PWM
R
f
50
C
⋅
⋅
π
=
eq. 3
where
Ω
<<
M
5
.
2
R
1
_
PWM
eq. 4
LED DRIVER – OUTPUT CURRENT PROGRAMMING
Maximum LED current is easily programmed by
choosing the appropriate value for RLED (Figure 6). It is
recommended that a minimum value of 15
Ω be used for
this resistor in order to prevent noise coupling issues on the
feedback line. Although, alternate values can be calculated
using the following equation:
)
MAX
(
LED
)
MAX
(
BRTx
LED
I
V
R
=
eq. 5
C
1
4.7μF
L
1
LX1745
LFB
CS
DRV
SRC
R
LED
15Ω
OVP
BRT
D
1
R
OVP_1
R
OVP_2
R
CS
V
BAT = 1.6V to 6.0V
C
BRT
R
BRT_2
R
BRT_1
Figure 6 –
LED Current Programming
LED DRIVER – LED BRIGHTNESS ADJUSTMENT
The LX1745 features a full range dimming LED driver.
LED current regulation is accomplished by using the
applied BRT pin voltage as the LED current reference.
This reference voltage, in conjunction with the LED current
setting resistor (RLED), sets the LED output current.
Dimming can be accomplished in one of two ways: by
applying a variable DC voltage, or by varying the duty
cycle (DC) of a PWM control signal, directly to the BRT
pin.
It is recommended that a maximum signal voltage of
300mV (VBRT) be used in order to minimize dissipative
losses in the LED current sense resistor (RLED).
Like the LCD bias adjustment (ADJx) pins, the BRT pin is
connected to an internal 50pF capacitor to ground that
works with an external resistor to create a low-pass filter,
allowing the BRT pin to driven directly by a PWM signal
whose frequency is greater than 100kHz. When this pin is
driven by a PWM signal whose frequency is less than
100kHz, an external filter capacitor is needed.
This
capacitor is selected such that the ripple component of the
resultant voltage on the BRT pin is less than 10% of the
nominal input voltage.
For PWM frequencies greater than 100kHz, the external
BRT input resistor is calculated using the following
equation.
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
Ω
=
)
MAX
(
BRT
)
MAX
(
BRT
MAX
PWM
1
_
BRT
V
V
)
DC
(
V
M
5
.
2
R
eq. 6
where VBRT is the selected maximum LED current sense
feedback threshold.
For PWM frequencies less than 100kHz, the external
BRT input resistors and filter capacitor (Figure 4) are
calculated using the following equations.
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
=
)
MAX
(
BRT
)
MAX
(
BRT
MAX
PWM
2
_
BRT
1
_
BRT
V
V
)
DC
(
V
R
R
eq. 7
where RBRT_2 is selected and VBRT(MAX) is the selected
maximum LED current sense feedback threshold.
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⋅
+
⋅
⋅
π
=
2
_
BRT
1
_
BRT
2
_
BRT
1
_
BRT
PWM
BRT
R
R
R
R
f
5
C
eq. 8
where VRIPPLE is selected to be 10% of VBRT, and fPWM is
the PWM signal frequency.
DIODE SELECTION
A Schottky diode is recommended for most applications
(e.g. Microsemi UPS5817). The low forward voltage drop
and fast recovery time associated with this device supports
the switching demands associated with this circuit
topology. The designer is encouraged to consider the
diode’s average and peak current ratings with respect to the
application’s
output
and
peak
inductor
current
requirements.
Further, the diode’s reverse breakdown
voltage characteristic must be capable of withstanding a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com