Electronic Components Datasheet Search
  English  ▼

X  

LX1745 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1745
Description  Triple Output Boost ??LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1745 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1745 Datasheet HTML 1Page - Microsemi Corporation LX1745 Datasheet HTML 2Page - Microsemi Corporation LX1745 Datasheet HTML 3Page - Microsemi Corporation LX1745 Datasheet HTML 4Page - Microsemi Corporation LX1745 Datasheet HTML 5Page - Microsemi Corporation LX1745 Datasheet HTML 6Page - Microsemi Corporation LX1745 Datasheet HTML 7Page - Microsemi Corporation LX1745 Datasheet HTML 8Page - Microsemi Corporation LX1745 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LX1745
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Triple Output Boost – LED Driver / LCD Bias
Copyright
© 2000
Rev. 1.2, 2006-02-27
TM
®
DESCRIPTION
The LX1745 is a compact high
efficiency step-up boost regulator for
driving white or color LEDs in LCD
lighting applications while supplying the
necessary LCD bias voltages with an
additional two integrated boost converters.
Designed for maximum efficiency and
featuring
a
psuedo-hysteretic
PFM
topology (that decreases output voltage
ripple), the LX1745 minimizes system cost
and condenses layout area making it ideal
for PDA, smart-phone, and digital camera
applications.
While the LCD Bias generation is
implemented using an internal N-Channel
MOSFET for LCD Bias generation, the
LED driver utilizes an external N-Channel
MOSFET in order to maintain maximum
efficiency along with flexible power
requirements..
The LX1745’s control circuitry is
optimized for portable systems with a
shutdown current of less than 1µA. The
input voltage range of 1.6V to 6.0 allows
for a wide selection of system battery
voltages
and
start-up
is
guaranteed at a VIN equal to 1.6V with
sustained operation as low as 1.1V.
The maximum LED drive current is
easily programmed using one external
current sense resistor in series with the
LEDs. In this configuration, LED current
provides a feedback signal to the FB pin,
maintaining constant current regardless of
varying
LED
forward
voltage
(VF).
Depending on the MOSFET selected, the
LX1745 is capable of achieving an LED
drive in excess of 1.0W.
The LX1745 provides simple dynamic
adjustment of the LED drive current (0% to
100% full range dimming) and the LCD
Bias output voltages (up to
±15% typ)
through separate IC interfaces.
Each
interface has an internal RC filter allowing
designers to make these adjustments via a
direct PWM input signal or an analog
reference signal.
Further, any PWM
amplitude is easily accommodated using a
single external resistor.
The LX1745 is available in the low-
profile 20-Pin TSSOP.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
> 90% Maximum Efficiency
Low Quiescent Supply Current
Externally Programmable Peak
Inductor Current Limit For
Maximum Efficiency
Logic Controlled Shutdown
< 1µA Shutdown Current
Dynamic Output LED Current
and Two LCD Bias Voltage
Adjustments Via Analog
Reference Or Direct PWM
Input
20-Pin TSSOP Package
APPLI C ATION S
Pagers
Smart Phones
PDAs
Handheld Computers
General LCD Bias Applications
LED Driver
PRODUCT H I GHLIGHT
C
1
4.7μF
L
1
47
μH
1206 Case Size
LX1745
LFB
CS
DRV
IN
SRC
R
SET
15Ω
V
BAT = 1.6V to 6.0V
I
LED = 20mA to 0mA
OVP
SW1
V
LCD1 = VIN to 25V
FB1
- V
LCD
BRT
LSHDN
ON OFF
SW2
FB2
V
LCD2 = VIN to 25V
REF
ADJ1
SHDN1
ON OFF
GND
ADJ2
SHDN2
ON OFF
LX1745 Evaluation Board
PACKAGE ORDER INFO
PW
Plastic TSSOP
20-Pin
TA (°C)
RoHS Compliant / Pb-free
Transition DC: 0442
-40 to 85
LX1745CPW
Note: Available in Tape & Reel. Append the letters “TR”
to the part number. (i.e. LX1745CPW-TR)


Similar Part No. - LX1745

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
LX1745-CPW MICROSEMI-LX1745-CPW Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
More results

Similar Description - LX1745

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com