Electronic Components Datasheet Search
  English  ▼

X  

S2N7002W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002W
Description  N-Ch Small Signal MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
S2N7002W
115 mA, 60 V, RDS(ON) = 7.5
Ω
N-Ch Small Signal MOSFET
18-Dec-2009 Rev. B
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-323
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
♦
Low on-resistance
♦
Low gate threshold voltage
♦
Low input capacitance
♦
Fast switching speed
♦
Low input/output leakage
♦
Ultra-small surface mount package
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDDS
60
Vdc
Drain-Gate Voltage(RGS=1.0M )
VDGR
60
Vdc
Continuous Drain Current
1 (T
A=25°C)
±115
Continuous Drain Current
1(T
A=100°C)
ID
±75
Pulsed Drain Current
2
IDM
±800
mAdc
Continuous Gate-Source Voltage
VGS
±20
Vdc
Non-repetitive Gate-Source Voltage(tP≦50
µs)
VGSM
±40
Vpk
THERMAL CHARACTERISTICS
Total Device Dissipation FR-5 Board
3(T
A=25°C)
225
mW
Derating above 25°C
PD
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Junction and Storage Temperature
TJ, TSTG
-55~150
°C
Notes:
1.
The Power Dissipation of the package may result in a lower continuous drain current.
2.
Pulse Test: Pulse Width ≦300
µs, Duty Cycle ≦2.0%
3.
FR-5=1.0*0.75*0.62 in.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.00
0.10
B
2.00
2.40
H
0.425 REF.
C
1.15
1.35
J
0.10
0.25
D
0.80
1.00
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.30
0.40
1
Gate
2
Source
Drain
3
X=Date Code
Drain
3
72
1
Gate
2
Source
Drain
3
6C
1
Gate
2
Source


Similar Part No. - S2N7002W

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
S2N7002W VBSEMI-S2N7002W Datasheet
1,013Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
S2N7002W SECOS-S2N7002W_15 Datasheet
93Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - S2N7002W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
N-Channel Small Signal MOSFET
logo
SeCoS Halbleitertechnol...
2N7002KG SECOS-2N7002KG Datasheet
680Kb / 5P
N-Ch Small Signal MOSFET with Gate Protection
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
N-Ch Small Signal MOSFET
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECELECTRONICS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com