Electronic Components Datasheet Search
  English  ▼

X  

S2N7002W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002W
Description  N-Ch Small Signal MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
S2N7002W
115 mA, 60 V, RDS(ON) = 7.5
Ω
N-Ch Small Signal MOSFET
18-Dec-2009 Rev. B
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
Vdc
VGS = 0, ID = 10
µAdc
TJ =25°C
-
-
1.0
Zero Gate Voltage Drain
Current
TJ =125°C
IDSS
-
-
500
µAdc V
GS=0, VDS = 60Vdc
Gate-Body Leakage Current, Forward
IGSSF
-
-
100
nAdc VGS=20Vdc
Gate-Body Leakage Current, Reverse
IGSSR
-
-
-100
nAdc VGS=-20Vdc
ON CHARACTERISTICS
1
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
Vdc
VDS = VGS, ID =250
µAdc
On-State Drain Current
ID(ON)
500
-
-
mA
VDS≧2.0VDS(ON),VGS=10Vdc
-
-
3.75
VGS=10Vdc, ID =500mAdc
Static Drain-Source On-State Voltage
VDS(ON)
-
-
0.375
Vdc
VGS=5Vdc, ID =50mAdc
-
1.4
7.5
VGS=10Vdc, ID =500mAdc
Static Drain-Source On-State
Resistance (TA=25°C)
rDS(ON)
-
1.8
7.5
VGS=5Vdc, ID =50mAdc
-
-
13.5
VGS=10Vdc, ID =500mAdc
Static Drain-Source On-State
Resistance (TA=125°C)
rDS(ON)
-
-
13.5
VGS=5Vdc, ID =50mAdc
Forward Transconductance
gFS
80
-
-
mmhos VDS
2V
≧
DS(ON),ID =200mAdc
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
-
17
50
pF
VDS=25Vdc, VGS=0, f=1MHz
Output Capacitance
Coss
-
10
25
pF
VDS=25Vdc, VGS=0, f=1MHz
Reverse Transfer Capacitance
Crss
-
2.5
5.0
pF
VDS=25Vdc, VGS=0, f=1MHz
SWITCHING CHARACTERISTICS
1
Turn-On Delay Time
td(ON)
-
7
20
Turn-Off Delay Time
td(OFF)
-
11
40
nS
VDD=25Vdc, ,ID≅500mAdc
RG=25 ,RL=50 , VGEN=10V
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage
VSD
-
-
-1.5
Vdc
IS=11.5mAdc,VGS=10V
Source Current Continuous
IS
-
-
-115
mAdc
Source Current Pulsed
ISM
-
-
-800
mAdc
Notes:
1.
Pulse Test: Pulse Width ≦300
µs, Duty Cycle ≦2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com