Electronic Components Datasheet Search
  English  ▼

X  

HIP4086APZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 2Page - Intersil Corporation HIP4086APZ Datasheet HTML 3Page - Intersil Corporation HIP4086APZ Datasheet HTML 4Page - Intersil Corporation HIP4086APZ Datasheet HTML 5Page - Intersil Corporation HIP4086APZ Datasheet HTML 6Page - Intersil Corporation HIP4086APZ Datasheet HTML 7Page - Intersil Corporation HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HIP4086, HIP4086A
6
FN4220.7
June 1, 2011
INPUT PINS: ALI, BLI, CLI, AHI, BHI, CHI, AND DIS
Low Level Input Voltage
-
-
1.0
-
0.8
V
High Level Input Voltage
2.5
-
-
2.7
-V
Input Voltage Hysteresis
-
35
-
-
-
mV
Low Level Input Current
VIN = 0V
-60
-100
-135
-55
-140
µA
High Level Input Current
VIN = 5V
-1
-
+1
-10
+10
µA
GATE DRIVER OUTPUT PINS: ALO, BLO, CLO, AHO, BHO, AND CHO
Low Level Output Voltage (VOUT - VSS)ISINKING = 30mA
-
100
-
-
200
mV
Peak Turn-On Current
VOUT = 0V
0.3
0.5
0.7
-
1.0
A
NOTES:
8. the specified charge pump current is the total amount available to drive external loads across xHO and xHS.
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
AC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, CGATE = 1000pF, RDEL = 10k, unless otherwise specified.
Boldface limits apply over the operating junction temperature range, -40°C to +150°C.
PARAMETER
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +150°C
UNITS
MIN
(Note 9)
TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)
TURN-ON DELAY AND PROPAGATION DELAY
Dead Time (Figure 3)
RDEL = 100k
3.8
4.5
6
37
µs
RDEL = 10k
0.38
0.5
0.65
0.3
0.7
µs
Dead Time Channel Matching
RDEL = 10k
-
7
15
-20
%
Lower Turn-Off Propagation Delay
(xLI to xLO turn-off) (Figure 3 or 4)
No Load
-
30
45
-65
ns
Upper Turn-Off Propagation Delay
(xHI to xHO turn-off) (Figure 3 or 4)
No Load
-
75
90
-100
ns
Lower Turn-On Propagation Delay
(xLI to xLO turn-on) (Figure 3 or 4)
No Load
-
45
75
-90
ns
Upper Turn-On Propagation Delay
(xHI to xHO turn-on) (Figure 3 or 4)
No Load
-
65
90
-100
ns
Rise Time
CGATE = 1000pF
-20
40
-50
ns
Fall Time
CGATE = 1000pF
-10
20
-25
ns
Disable Turn-Off Propagation Delay
(DIS to xLO turn-off) (Figure 5)
-55
80
-90
ns
Disable Turn-Off Propagation Delay
(DIS to xHO turn-off) (Figure 5)
-80
90
-100
ns
Disable to Lower Turn-On Propagation Delay
(DIS to xLO turn-on) (Figure 5)
-55
80
-100
ns
Disable to Upper Enable
(DIS to xHO turn-on) (Figure 5)
RDEL = 10k, CRFSH
Open
-2.0
-
--
µs
DC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, RDEL = 20k, RUV = ∞, Gate Capacitance (CGATE) = 1000pF,
unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +150°C. (Continued)
PARAMETER
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +150°C
UNITS
MIN
(Note 9)
TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com