Electronic Components Datasheet Search
  English  ▼

X  

HIP4086APZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP4086APZ
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086APZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP4086APZ Datasheet HTML 4Page - Intersil Corporation HIP4086APZ Datasheet HTML 5Page - Intersil Corporation HIP4086APZ Datasheet HTML 6Page - Intersil Corporation HIP4086APZ Datasheet HTML 7Page - Intersil Corporation HIP4086APZ Datasheet HTML 8Page - Intersil Corporation HIP4086APZ Datasheet HTML 9Page - Intersil Corporation HIP4086APZ Datasheet HTML 10Page - Intersil Corporation HIP4086APZ Datasheet HTML 11Page - Intersil Corporation HIP4086APZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HIP4086, HIP4086A
8
FN4220.7
June 1, 2011
Typical Performance Curves
FIGURE 6. VDD SUPPLY CURRENT vs VDD SUPPLY VOLTAGE
FIGURE 7. VDD SUPPLY CURRENT vs SWITCHING FREQUENCY
FIGURE 8. FLOATING IXHB BIAS CURRENT
FIGURE 9. OFF-STATE IXHB BIAS CURRENT
FIGURE 10. CHARGE PUMP OUTPUT CURRENT (HIP4086 only)
FIGURE 11. CHARGE PUMP OUTPUT VOLTAGE(HIP4086 only)(
-60
-40
-20
0
20
40
60
80
100
120
140 160
2
3
4
5
6
JUNCTION TEMPERATURE (°C)
VDD = 7V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 15V
VDD = 16V
ALL GATE CONTROL INPUTS = 5V
-60
-40
-20
0
20
40
60
80
100 120 140 160
10
15
20
25
30
JUNCTION TEMPERATURE (°C)
200kHz
CGATE = 1000pF
20kHz
50kHz
100kHz
10kHz
0
20
40
60
80
100
120
140
160
180
200
0
1000
2000
3000
4000
SWITCHING FREQUENCY (kHz)
CGATE = NO LOAD
CGATE = 1000pF
TJ = +25°C
JUNCTION TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDD = 10V
VDD = 12V
VDD = 15V
VDD = 7V
VDD = 8V
-60 -40
-20
0
20
40
60
80
100 120 140 160
200
150
100
50
0
JUNCTION TEMPERATURE (°C)
VxHB - VxHS = 10V
-60
-40
-20
0
20
40
60
80
100 120 140 160
6
7
8
9
10
11
12
13
14
JUNCTION TEMPERATURE (°C)
VDD = 7V
VDD = 12V
VDD = 10V
VDD = 8V
VDD = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com