Electronic Components Datasheet Search
  English  ▼

X  

MPA201 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MPA201
Description  0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPA201 Datasheet(HTML) 3 Page - Microsemi Corporation

  MPA201 Datasheet HTML 1Page - Microsemi Corporation MPA201 Datasheet HTML 2Page - Microsemi Corporation MPA201 Datasheet HTML 3Page - Microsemi Corporation MPA201 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MPA201
MPA201 Test Circuit Layout @ 500MHz
MPA201 Test Circuit Component Designations and Values @ 500MHz
Part
Description
Part
Description
C1, C2,
C3
100pF Chip Capacitor (ATC 600F)
C4
10000pF Chip Capacitor (ATC 200B)
C5
47uF 63V Electrolytic Capacitor
C6, C7
5.6pF Chip Capacitor (ATC 600F)
L1
18AWG, 10Turns, Dia: 0.5″
PCB
RT6006, εr=6.15, 25mils, 1oz
M1
35 x 155 mils (W x L)
M2
35 x 465 mils (W x L)
M3
35 x 250 mils (W x L)
M4
35 x 1000 mils (W x L)
M5
35 x 250 mils (W x L)
M6
35 x 500 mils (W x L)
M7
35 x 500 mils (W x L)
M8
35 x 500 mils (W x L)
M9
35 x 500 mils (W x L)
M10
35 x 250 mils (W x L)
M11
35 x 1000 mils (W x L)
M12
35 x 250 mils (W x L)
M13
35 x 465 mils (W x L)
M14
35 x 395 mils (W x L)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com