Electronic Components Datasheet Search
  English  ▼

X  

MPA201 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MPA201
Description  0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPA201 Datasheet(HTML) 1 Page - Microsemi Corporation

  MPA201 Datasheet HTML 1Page - Microsemi Corporation MPA201 Datasheet HTML 2Page - Microsemi Corporation MPA201 Datasheet HTML 3Page - Microsemi Corporation MPA201 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MPA201
0.5 Watts, 12.5 Volts, Class A
Linear to 500MHz
Hybrid Amplifier
GENERAL DESCRIPTION
The MPA201 is a common emitter amplifier device designed for broadband
performance to 500MHz in a format suitable for microstrip assembly and high
reliability applications. Its wide dynamic rage and flexibility make it suitable for a
broad spectrum of instrumentation, receiver, and transmitter applications. It utilizes
gold metalization and diffused ballasting to provide high reliability and supreme
ruggedness.
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
°C
6.0 Watts
BVCES
Collector to Emitter Voltage
40 Volts
BVEBO Emitter to Base Voltage
3.5 Volts
IC
Collector Current
300 mA
Storage Temperature
-55 to +150
°C
Operating Junction Temperature
+200
°C
CASE OUTLINE
55AU, Style 2
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Power Out
0.5
-
-
W
PIN
Power Input
-
-
0.032
W
GP
Power Gain
12
13
-
dB
FT
Transition Frequency
2.0
GHz
VSWR
Load Mismatch Tolerance
F = 500 MHz
VCE = 12.5V
IC = 140mA
-
-
30:1
-
ICQ
Quiescent Collector Current
VCE = 12.5V
140
mA
θjc1
Junction-Case Thermal Resistance
33
°C/W
NOTES: 1. At rated output power with MSC fixture.
Rev. A: May. 2010


Similar Part No. - MPA201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPA201 ETC1-MPA201 Datasheet
23Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
GHz Technology
MPA201 GHZTECH-MPA201 Datasheet
30Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
New Jersey Semi-Conduct...
MPA201 NJSEMI-MPA201 Datasheet
127Kb / 2P
0,5 WATTS -; 12.5 VOLTS 500 Mhz
logo
List of Unclassifed Man...
MPA2019 ETC2-MPA2019 Datasheet
2Mb / 4P
MAGIGOO® - PA (Polyamide/Nylon), is an all-in-one 3D printing adhesive that offers sure adhesion with easy removal for PA and fibre reinforced PA materials
Ver 1.5 February 2019
More results

Similar Description - MPA201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPA201 ETC1-MPA201 Datasheet
23Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
logo
GHz Technology
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
80143 GHZTECH-80143 Datasheet
226Kb / 4P
1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
List of Unclassifed Man...
2A8 ETC2-2A8 Datasheet
34Kb / 2P
0.5 Watts, 20 Volts, Class A Linear to 2000 MH
logo
GHz Technology
MPA201 GHZTECH-MPA201 Datasheet
30Kb / 1P
0.5 Watts, 12.5 Volts, Class A Linear to 500 MHz 50 ohm Hybrid Amplifier
logo
Microsemi Corporation
80143 MICROSEMI-80143 Datasheet
497Kb / 5P
1.0 Watts, 15 Volts, Class A Linear to 2300MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com