Electronic Components Datasheet Search
  English  ▼

X  

IRF450 Datasheet(PDF) 1 Page - Seme LAB

Part # IRF450
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF450 Datasheet(HTML) 1 Page - Seme LAB

  IRF450 Datasheet HTML 1Page - Seme LAB IRF450 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRF450
Prelim. 10/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
39.95 (1.573)
max.
17.15 (0.675)
16.64 (0.655)
30.40 (1.197)
30.15 (1.187)
1
2
4.09 (0.161)
3.84 (0.151)
dia.
2 plcs.
20.32 (0.800)
18.80 (0.740)
dia.
1.09 (0.043)
0.97 (0.038)
dia.
2 plcs.
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 0 , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 0 , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
IAR
Avalanche Current 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
TL
Lead Temperature
1.6mm (0.63”) from case for 10 sec.
±20V
12A
7.75A
48A
150W
1.2W/°C
8.0mJ
12A
3.5V/ns
-55 to +150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
N–CHANNEL
POWER MOSFET
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HERMETICALLY SEALED TO–3 METAL
PACKAGE
• SIMPLE DRIVE REQUIREMENTS
• SCREENING OPTIONS AVAILABLE
TO–3 Metal Package
Pin 1 – Gate
Pin 2 – Source
Case – Drain
Notes
1) Pulse Test: Pulse Width
£ 300ms, d£ 2%
2) @ VDD = 25V , L ³ 480mH , RG = 25W , Peak IL = 28A , Starting TJ = 25°C
3) @ ISD £ 28A , di/dt £ 170A/ms , VDD £ BVDSS , TJ £ 150°C , Suggested RG = 9.1W
VDSS
500V
ID(cont)
13A
RDS(on)
0.4
W
W
W
W


Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
196Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com