Electronic Components Datasheet Search
  English  ▼

X  

T1503NH Datasheet(PDF) 1 Page - eupec GmbH

Part # T1503NH
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T1503NH Datasheet(HTML) 1 Page - eupec GmbH

  T1503NH Datasheet HTML 1Page - eupec GmbH T1503NH Datasheet HTML 2Page - eupec GmbH T1503NH Datasheet HTML 3Page - eupec GmbH T1503NH Datasheet HTML 4Page - eupec GmbH T1503NH Datasheet HTML 5Page - eupec GmbH T1503NH Datasheet HTML 6Page - eupec GmbH T1503NH Datasheet HTML 7Page - eupec GmbH T1503NH Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T1503NH
BIP AM / SM PB, 2001-10-18, Przybilla J. / Keller
1/8
Seite/page
Kenndaten
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Rückwärts-Spitzensperrspannung
repetitive peak and reverse voltages
Tvj = -40°C... Tvj max
VRRM
7500
8000 V
V
Periodische Rückwärts-Spitzensperrspannung
repetitive peak reverse voltages
Tvj = 0°C... Tvj max
VRRM
7700
8200 V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
ITRMSM
3900 A
Dauergrenzstrom
average on-state current
TC = 85 °C
TC = 60 °C
ITAVM
1770
2490
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
ITSM
57000
55000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
16250
15150
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
Tvj = 50°C, VD
≤ VBO, iT ≥ 10kA,
PLM = 40mW, trise = 0,5µs
(diT/dt)cr
5000 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter H
(dvD/dt)cr
2000 V/µs
Charakteristische Werte / Characteristic values
Schutzzündspannung (statisch)
Protective break over voltage
Tvj = 25°C … Tvj max
Typischer Degradationsfaktor ist 0,16%/K
für Tvj = 0°C..25°C
Typical de-rating factor of 0,16%/K is
applicable for Tvj = 0°C..25°C
VBO
min.
7500 V
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 4000A, vD = 200V
vT
typ.
max.
2,8
3,0
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
1,20
1,24
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
max.
0,4
0,44
mΩ
mΩ
A 0,616
B 0,000219
C 0,0342
typ.
D 0,0161
A -0,0864
B 0,000343
C 0,2021
Durchlaßkennlinie on-state characteristic
Tvj = Tvj max
max.
D 0,000614
minimale Zündlichtleistung
minimum gate trigger light power
Tvj = 25°C, vD = 200V
PLM
max.
40 mW
Haltestrom
holding current
Tvj = 25°C
IH
max.
100 mA
Einraststrom
latching current
Tvj = 25°C, vD = 200V,
PLM = 40mW, trise = 0,5µs
IL
max.
1 A
Rückwärts-Sperrstrom
reverse blocking current
Tvj = Tvj max
vR = VRRM
iR
max.
600 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C, vD = 1000V ,
PLM = 40mW, trise = 0,5µs
tgd
max.
5 µs
prepared by: C. Schneider
date of publication: 2005-04-15
approved by: J. Przybilla
revision:
6
T
T
T
T
i
D
)
1
i
(
Ln
C
i
B
A
v
⋅
+
+
⋅
+
⋅
+
=


Similar Part No. - T1503NH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T1503NH INFINEON-T1503NH Datasheet
263Kb / 10P
Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 7.0
More results

Similar Description - T1503NH

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com