Electronic Components Datasheet Search
  English  ▼

X  

T1503NH Datasheet(PDF) 4 Page - eupec GmbH

Part # T1503NH
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T1503NH Datasheet(HTML) 4 Page - eupec GmbH

  T1503NH Datasheet HTML 1Page - eupec GmbH T1503NH Datasheet HTML 2Page - eupec GmbH T1503NH Datasheet HTML 3Page - eupec GmbH T1503NH Datasheet HTML 4Page - eupec GmbH T1503NH Datasheet HTML 5Page - eupec GmbH T1503NH Datasheet HTML 6Page - eupec GmbH T1503NH Datasheet HTML 7Page - eupec GmbH T1503NH Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T1503NH
BIP AM / SM PB, 2001-10-18, Przybilla J. / Keller
4/8
Seite/page
R,t – Werte
R
R,T-Werte
Analytische Elemente des transienten Wärmewiderstandes Z thJC
Analytical elements of transient thermal impedance Z thJC
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,00238
0,00202
0,00110
0,0005
0
beidseitig
two-sided
τ
n [s]
2,06
0,301
0,0674
0,0122
1
Rthn [°C/W]
0,00662
0,00043
0,00248
0,00081
0,00026
anodenseitg
anode-sided
τ
n [s]
11,6
0,946
0,219
0,0310
0,00761
Rthn [°C/W]
0,0102
0,00224
0,00092
0,00044
0
kathodenseitig
cathode-sided
τ
n [s]
9,62
0,268
0,0532
0,0107
1
Analytische Funktion / Analytical function:
Σ
−
=
τ
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
0
0,0 0 2
0,0 0 4
0,0 0 6
0,0 0 8
0,0 1
0,0 1 2
0,0 1 4
0,0 1 6
0,001
0,0 1
0 ,1
1
1 0
10 0
t [ s ]
c
a
d
Transienter innerer Wärmewiderstand für DC/ Transient thermal impedance Z thJC = f(t) for DC
Beidseitige Kühlung / Two-sided cooling
Anodenseitige Kühlung / Anode-sided cooling
Kathodenseitige Kühlung / Cathode-sided cooling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com