Electronic Components Datasheet Search
  English  ▼

X  

SSG4902N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4902N
Description  Dual N-Channel Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4902N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4902N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4902N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSG4902N
6.4 A, 60 V, RDS(ON) 35 m
Dual N-Channel Mode Power MOSFET
Elektronische Bauelemente
26-Nov-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high cell density process
to provide Low RDS(on) and to ensure minimal power loss and heat dissipation.
Typical applications are DC-DC converters and power management in portable
and battery-powered products such as computers, printers, PCMCIA cards,
cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extends battery life.
Low thermal impedance copper leadframe SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
SSG4902N
VDS(V)
RDS(on) (m
ID(A)
60
35@VGS=10V
±
6.4
45@VGS=4.5V
±
5.6
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
ID @ TA = 25°C
±6.4
A
ID @ TA = 70°C
±5.2
A
Pulsed Drain Current
2
IDM
±40
A
Continuous Source Current (Diode Conduction)
1
IS
2
A
Total Power Dissipation
1
PD @ TA = 25°C
2.1
W
PD @ TA = 70°C
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Thermal Resistance Junction-Ambient (Max.)
1
t ≦ 10 sec
RθJA
62.5
°C / W
Steady State
110
°C / W
Notes
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOP-8
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
D
D
S
S
G
G
D
D


Similar Part No. - SSG4902N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4902NA SECOS-SSG4902NA Datasheet
336Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4902NA SECOS-SSG4902NA_15 Datasheet
336Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4902N SECOS-SSG4902N_15 Datasheet
175Kb / 2P
Dual N-Channel Mode Power MOSFET
More results

Similar Description - SSG4902N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4930N SECOS-SSG4930N Datasheet
459Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N Datasheet
151Kb / 2P
Dual N-Channel Mode Power MOSFET
SSPS7630N SECOS-SSPS7630N Datasheet
472Kb / 4P
Dual-N Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N Datasheet
126Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4902NA SECOS-SSG4902NA Datasheet
336Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4920N SECOS-SSG4920N_15 Datasheet
406Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N_15 Datasheet
126Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N_15 Datasheet
151Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4990N SECOS-SSG4990N_15 Datasheet
151Kb / 2P
Dual-N Channel Mode Power MOSFET
SSPS920NE SECOS-SSPS920NE_15 Datasheet
487Kb / 4P
Dual-N Channel Mode Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com