Electronic Components Datasheet Search
  English  ▼

X  

SSG5509A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG5509A
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG5509A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG5509A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG5509A Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSG5509A
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 6.1 A, 30 V, RDS(ON) 30 mΩ
Ω
Ω
Ω
P-Ch: -4.8 A, -30 V, RDS(ON) 55 mΩ
Ω
Ω
Ω
Elektronische Bauelemente
27-Jun-2011 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
N-CHANNEL ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate Threshold Voltage
VGS(th)
0.5
-
1.2
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
15
-
S
VDS=5V, ID=5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(TJ =25℃
℃
℃
℃)
IDSS
-
-
1
µA
VDS=24V, VGS=0
Drain-Source Leakage Current(TJ =70℃
℃
℃
℃)
-
-
25
µA
VDS=24V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
-
30
m
VGS=10V, ID=5.8A
-
-
35
VGS=4.5V, ID=5A
55
VGS=2.5V, ID=4A
Total Gate Charge
2
Qg
-
9.7
nC
ID=5.8A
VDS=15V
VGS=4.5V
Gate-Source Charge
Qgs
-
1.6
-
Gate-Drain (“Miller”) Change
Qgd
-
3.1
-
Turn-on Delay Time
2
Td(on)
-
3.3
-
nS
VDS=15V
VGS=10V
RG=3
RL=2.7
Rise Time
Tr
-
4.8
-
Turn-off Delay Time
Td(off)
-
26.3
-
Fall Time
Tf
-
4.1
-
Input Capacitance
Ciss
-
823
-
pF
VGS=0
VDS=15V
f=1.0 MHz
Output Capacitance
Coss
-
99
-
Reverse Transfer Capacitance
Crss
-
77
-
Source -Drain Diode
Forward On Voltage
2
VSD
-
-
1.0
V
IS=1A, VGS=0
Reverse Recovery Time
2
Trr
-
16
-
nS
IS=5A, VGS=0,
dl/dt =100A/µs
Reverse Recovery Charge
Qrr
-
8.9
-
nC
Continuous Source Current (Body Diode)
IS
-
-
2.5
A
VD=VG=0, VS=1.0V
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board; 135 °C/W when mounted on Min. copper pad.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com