Electronic Components Datasheet Search
  English  ▼

X  

HSC Datasheet(PDF) 1 Page - HolyStone International

Part # HSC
Description  High Temperature and Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HSC Datasheet(HTML) 1 Page - HolyStone International

  HSC Datasheet HTML 1Page - HolyStone International HSC Datasheet HTML 2Page - HolyStone International HSC Datasheet HTML 3Page - HolyStone International HSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Summary of Specification
Operating Temperature
-55 to +175
Rated Voltage
50Vdc to 500Vdc
Temperature Coefficient of
Capacitance
NPO :
≤
± 30ppm/
, -55 to +125
(EIA Class Ι )
X8R :
≤
± 15%
, -55 to +150
(EIA Class Ⅱ )
Capacitance Range
NPO: 70nF to 9.0uF
X8R : 460nF to 220uF
Dissipation Factor :
NPO : Q 1000 at 1KHz
X8R : 2.5%max. at 1KHz
Insulation Resistance
10GΩ or 500/C Ω whichever is smaller
Aging
NPO : 0% , X8R : 2.5% per decade of time
Dielectric Withstanding Voltage
V
≤50V
; 250% Rated Voltage
100V
≤ V <500V ; 200% Rated Voltage
500V
≤ V
; 150% Rated Voltage
Tolerance
± 1% & ± 2% tolerances are only available in NPO
High CV MLCC design, effectively can replace Tantalum
and Aluminum electolytics
Inherently low ESR.
N leads for through hole applications and J or L lead
configuration for surface mount with stress relief against
board flexure and thermal excursions.
High reliability testing available including space level
screening.
Custom sizes and values available--contact factory for
details or to define your needs.
Down Hole Applications
Jet Engine Control
Power supplies
DC-DC converters
Surge protection
Industrial control circuits
Snubbers
Filtering, smoothing, and decoupling application
HIREL applications
Custom applications
Features
Application
-1 -
High Temperature and Large Size Multilayer Ceramic Chip Capacitors
[High Temperature / Large Stacked Capacitors]
HSC Series
HSC Series-Stacked Capacitors
Holy Stone
MLCC Design, Suitable for Switchmode Power Supply Filters
HSC
3A
J
H
224
K
501
Product
Code
HSC:
High
Temperature
and Large
Size
Multilayer
Ceramic
Chip
Capacitor
Stack and
Size
The first digit:
# of chips in
stack
Second Digit:
Chip Size
A
B
C
D
Lead
Configuration
Ex.:
J :J Lead
L :L Lead
N:Straight
Lead
Material
Ex.:
N: NPO
H: X8R
Capacitance
(pF)
Ex.:
103:10x103
224:22x104
475:47x105
Tolerance
Ex.:
F: +/-1.0%
G: +/-2.0%
J: +/-5.0%
K: +/- 10%
M: +/- 20%
Rated
Voltage
Ex.:
050:50Vdc
101:100Vdc
201:200Vdc
501:500Vdc
Packaging
B: Bulk
W: Waffle
pack
Special Test
Requirement
Blank:
Standard
electrical test
H:
Hi-Rel
Testing
Special
Requirement
Blank:
No special
requirement
01~99:
Customer
special
requirement
How To Order
H
W
01
Revision date : 2010.07.16


Similar Part No. - HSC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - HSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
11-Nov-08
logo
HolyStone International
FSC HOLYSTONECAPS-FSC Datasheet
233Kb / 4P
Large Size Multilayer Ceramic Chip Capacitors
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
08-Aug-11
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Panasonic Semiconductor
ECJ-4YB1C476M PANASONIC-ECJ-4YB1C476M Datasheet
677Kb / 6P
Multilayer Ceramic Chip Capacitors (High Capacitance)
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
Aluminum electrolytic capacitors Large-size capacitors
B43508 TDK-B43508 Datasheet
534Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
26-Aug-14
logo
TDK Electronics
B43652 TDK-B43652 Datasheet
1Mb / 15P
Large-size capacitors
October 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com