Electronic Components Datasheet Search
  English  ▼

X  

HSC Datasheet(PDF) 4 Page - HolyStone International

Part # HSC
Description  High Temperature and Large Size Multilayer Ceramic Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

HSC Datasheet(HTML) 4 Page - HolyStone International

  HSC Datasheet HTML 1Page - HolyStone International HSC Datasheet HTML 2Page - HolyStone International HSC Datasheet HTML 3Page - HolyStone International HSC Datasheet HTML 4Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-4 -
Other Stacked configuration on other sizes, capacitance values and voltages rating are available. Please contact HEC.
Other Stacked configuration on other sizes, capacitance values and voltages rating are available. Please contact HEC.
*Soldering And Handling Precautions:
The recommended method for soldering large HSC capacitor, is reflow soldering. Wave soldering and manual soldering with Iron is not
recommended. Ceramic capacitors must be preheated with less than 2ºC/sec rate to about 50ºC below the reflow temperature. Sudden
increase, or decrease in temperature more than the recommended rate, during soldering, may cause internal thermal cracks.
HSC Series-Stacked Capacitors
Holy Stone
Capacitance Range
1M
104
923
853
703
235
185
165
464
2M
204
184
174
144
465
365
325
924
3M
304
274
254
214
695
545
485
135
4M
404
364
344
284
925
725
645
185
5M
504
464
424
354
116
905
805
235
1N
154
134
124
104
355
275
255
754
2N
304
264
244
204
705
545
505
155
3N
454
394
364
304
106
815
755
225
4N
604
524
484
404
146
116
106
305
5N
754
654
604
504
176
136
126
375
1P
154
134
124
104
355
275
255
754
2P
304
264
244
204
705
545
505
155
3P
454
394
364
304
106
815
755
225
4P
604
524
484
404
146
116
106
305
5P
754
654
604
504
176
136
126
375
1Q
204
184
174
144
465
375
335
884
2Q
404
364
344
284
925
745
665
175
3Q
604
544
514
424
136
116
995
265
4Q
804
724
684
564
186
146
136
355
5Q
105
904
854
704
236
186
166
445
1R
125
115
105
914
306
246
216
635
2R
243
225
205
185
606
486
426
126
3R
365
335
305
275
906
726
636
186
4R
485
445
405
365
127
966
846
256
5R
605
555
505
455
157
127
107
316
1S
185
165
155
125
446
346
306
925
2S
365
325
305
245
886
686
606
186
3S
545
485
455
365
137
107
906
276
4S
725
645
605
485
177
137
127
366
5S
905
805
755
605
227
177
157
466
1T
204
184
174
144
465
375
335
884
2T
404
364
344
284
925
745
665
175
3T
604
544
514
424
136
116
995
265
4T
804
724
684
564
186
146
136
355
5T
105
904
854
704
236
186
166
445
1U
304
274
254
214
705
585
535
155
2U
604
544
505
424
146
116
106
305
3U
904
814
754
634
216
176
156
455
4U
125
105
105
844
286
236
216
605
5U
155
135
125
105
356
296
266
755
1V
304
274
254
214
705
585
535
155
2V
604
544
505
424
146
116
106
305
3V
904
814
754
634
216
176
156
455
4V
125
105
105
844
286
236
216
605
5V
155
135
125
105
356
296
266
755
1W
564
504
464
394
136
106
915
285
2W
115
105
924
784
266
206
186
565
3W
165
155
135
115
396
306
276
845
4W
225
205
185
155
526
406
366
116
5W
285
255
235
195
656
506
456
146
1X
564
504
464
394
136
106
915
285
2X
115
105
924
784
266
206
186
565
3X
165
155
135
115
396
306
276
845
4X
225
205
185
155
526
406
366
116
5X
285
255
235
195
656
506
456
146
100V
Size
Code
NPO Maximum Capacitanc
X8R Maximum Capacitance
50V
100V
200V
500V
200V
500V
50V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com