Electronic Components Datasheet Search
  English  ▼

X  

LCC Datasheet(PDF) 1 Page - HolyStone International

Part # LCC
Description  Large Size NP0 & X7R MLCC Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

LCC Datasheet(HTML) 1 Page - HolyStone International

  LCC Datasheet HTML 1Page - HolyStone International LCC Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 How To Order
LCC Series
Large Size NP0 & X7R MLCC Capacitors
50V – 8KV
Operating Temperature
-55~+125
℃
Rated Voltage
50Vdc to 8KVdc
Temperature Coefficient
NP0 :
≤
± 30ppm/
℃ ,-55~+125℃(EIAClassΙ)
X7R :
≤
± 15%
, -55~+125
℃(EIAClassⅡ)
Capacitance Range
NP0 :100pF to 820nF ; X7R :1000pF to 33uF
Dissipation Factor
NP0 : Q
≧1000; X7R:D.F.≦2.5%
Insulation Resistance
10G
Ω or 500/C Ω whichever is smaller (C in Farad )
Ageing
NP0:0% ; X7R: 1.0 % per decade of time
Dielectric Strength
V
≤ 500V
: 200% rated voltage
500V
≤ V < 1000V
: 150% rated voltage
V
≥1000V
: 120% rated voltage
 Summary of Specifications
 Optimized internal design offers the highest possible
voltage rating up to 8KVdc.
 Capacitance range from 470pF - 33uF and case sizes
from 1515 – 7565.
 Available with proprietary surface coating for arc
prevention
 Available with flexible termination (Super Term) to
minimize the effects of mechanical stress.
 High reliability screening is available.
Pd/Ag, 100% Sn and 90/10 Sn/Pb terminations available.
 RoHS compliant.
 Voltage multipliers
 Power supplies
 DC-DC converters
 Surge protection
 Industrial control circuits
 Isolation
 Ballast
 Snubber
 Custom applications
Product
Code
C: MLCC
Multilayer
Ceramic
Capacitor
Chip Size
EX.:
1515
2520
3530
3640
4540
5550
6560
7565
Dielectric
Ex.:
N: NP0
X: X7R
Capacitance
Unit : pF
Ex.:
100:10
×100
471:47
×101
102:10
×102
Tolerance
Ex.:
C:+/-0.25pF
D:+/-0.50pF
J:+/- 5%
K:+/-10%
M:+/-20%
Rated
Voltage
Ex.:
050:50Vdc
251:250Vdc
631:630Vdc
102:1000Vdc
Packaging
Ex.:
T: Tape
& Reel
W: Waffle
Pack
B: Bulk
Termination
Ex.:
S:Solderable
Ag
P:Pd/Ag
N: 100%
Sn Plated
W:90/10
Sn/Pb
Plated
Testing
Requirement
Ex.:
S:
Standard
Electrical
H:
Hi-Reliability
Special
Requirement
Ex.:
Blank:
Standard
O: Arc
Prevention
Coating
X: Flexible
Termination
(Super Term)
Z: Arc
Prevention and
SuperTerm
LCC Series - Large Size MLCC Capacitors
 Applications.
 Features
C
2520
X
103
K
102
T
N
S
X
- 30 -


Similar Part No. - LCC

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
Leadless Chip Carrier Package
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
LCC VISHAY-LCC Datasheet
122Kb / 4P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
14-Jul-16
logo
List of Unclassifed Man...
LCC-16J2 ETC2-LCC-16J2 Datasheet
88Kb / 1P
LCD Character Module 16 x 2
LCC-20K4 ETC2-LCC-20K4 Datasheet
105Kb / 1P
LCD Character Module 20 x 4
More results

Similar Description - LCC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41605 EPCOS-B41605 Datasheet
147Kb / 7P
Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
Large size Aluminum electrolytic capacitors
logo
HolyStone International
DSC HOLYSTONECAPS-DSC Datasheet
279Kb / 7P
Large Size Stacked Capacitors-87106 Style
FSC HOLYSTONECAPS-FSC Datasheet
233Kb / 4P
Large Size Multilayer Ceramic Chip Capacitors
HVC HOLYSTONECAPS-HVC Datasheet
387Kb / 4P
High Voltage NP0 and X7R Capacitors
logo
TDK Electronics
B41605 TDK-B41605 Datasheet
753Kb / 18P
Aluminum electrolytic capacitors Large-size capacitors
B41607 TDK-B41607 Datasheet
714Kb / 17P
Aluminum electrolytic capacitors Large-size capacitors
B43504 TDK-B43504 Datasheet
550Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
B43508 TDK-B43508 Datasheet
534Kb / 14P
Aluminum electrolytic capacitors Large-size capacitors
B43652 TDK-B43652 Datasheet
1Mb / 15P
Large-size capacitors
October 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com