Electronic Components Datasheet Search
  English  ▼

X  

CY3672-USB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3672-USB
Description  One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor CY3672-USB Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY22150
Document #: 38-07104 Rev. *K
Page 9 of 18
I2C Interface Timing
The CY22150 uses a two-wire I2C-interface that operates up to
400 kbits/second in Read or Write mode. The basic Write serial
format is as follows.
Start Bit; seven-bit Device Address (DA); R/W Bit; Slave Clock
Acknowledge (ACK); eight-bit Memory Address (MA); ACK;
eight-bit data; ACK; eight-bit data in MA + 1 if desired; ACK;
eight-bit data in MA+2; ACK; and so on until STOP bit.The basic
serial format is illustrated in Figure 4 on page 9.
Data Valid
Data is valid when the Clock is HIGH, and may only be transi-
tioned when the clock is LOW, as illustrated in Figure 3.
Data Frame
Every new data frame is indicated by a start and stop sequence,
as illustrated in Figure 5 on page 10.
Start Sequence – Start frame is indicated by SDAT going LOW
when SCLK is HIGH. Every time a Start signal is given, the next
eight-bit data must be the device address (seven bits) and a R/W
bit, followed by register address (eight bits) and register data
(eight bits).
Stop Sequence – Stop frame is indicated by SDAT going HIGH
when SCLK is HIGH. A Stop frame frees the bus for writing to
another part on the same bus or writing to another random
register address.
Acknowledge Pulse
During Write mode, the CY22150 responds with an ACK pulse
after every eight bits. This is accomplished by pulling the SDAT
line LOW during the N*9th clock cycle, as illustrated in Figure 6
on page 10. (N = the number of eight-bit segments transmitted.)
During Read mode, the ACK pulse after the data packet is sent
is generated by the master
.
Figure 3. Data Valid and Data Transition Periods
SDAT
SCLK
Data valid
Transition to next bit
CLKLOW
CLKHIGH
VIH
VIL
tSU
tDH
Figure 4. Data Frame Architecture
SDAT Write
Start Signal
Device
Address
7-bit
R/W = 0
1-bit
8-bit
Register
Address
Slave
1-bit
ACK
Slave
1-bit
ACK
8-bit
Register
Data
Stop Signal
Multiple
Contiguous
Registers
Slave
1-bit
ACK
8-bit
Register
Data
(XXH)
(XXH)
(XXH+1)
Slave
1-bit
ACK
8-bit
Register
Data
(XXH+2)
Slave
1-bit
ACK
8-bit
Register
Data
(FFH)
Slave
1-bit
ACK
8-bit
Register
Data
(00H)
Slave
1-bit
ACK
Slave
1-bit
ACK
SDAT Read
Start Signal
Device
Address
7-bit
R/W = 0
1-bit
8-bit
Register
Address
Slave
1-bit
ACK
Slave
1-bit
ACK
7-Bit
Device
Stop Signal
Multiple
Contiguous
Registers
1-bit
R/W = 1
8-bit
Register
Data
(XXH)
Address (XXH)
Master
1-bit
ACK
8-bit
Register
Data
(XXH+1)
Master
1-bit
ACK
8-bit
Register
Data
(FFH)
Master
1-bit
ACK
8-bit
Register
Data
(00H)
Master
1-bit
ACK
Master
1-bit
ACK
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com