Electronic Components Datasheet Search
  English  ▼

X  

CY3672-USB Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY3672-USB
Description  One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor CY3672-USB Datasheet HTML 13Page - Cypress Semiconductor CY3672-USB Datasheet HTML 14Page - Cypress Semiconductor CY3672-USB Datasheet HTML 15Page - Cypress Semiconductor CY3672-USB Datasheet HTML 16Page - Cypress Semiconductor CY3672-USB Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CY22150
Document #: 38-07104 Rev. *K
Page 13 of 18
AC Electrical Characteristics
Parameter[7]
Name
Description
Min
Typ.
Max
Unit
t1
Output Frequency,
Commercial Temp
Clock output limit, 3.3 V
0.08 (80 kHz)
–
200
MHz
Clock output limit, 2.5 V
0.08 (80 kHz)
–
166.6
MHz
Output Frequency,
Industrial Temp
Clock output limit, 3.3 V
0.08 (80 kHz)
–
166.6
MHz
Clock output limit, 2.5 V
0.08 (80 kHz)
–
150
MHz
t2LO
Output Duty Cycle
Duty cycle is defined in Figure 8 on page 11;
t1/t2
fOUT < 166 MHz, 50% of VDD
45
50
55
%
t2HI
Output Duty Cycle
Duty cycle is defined in Figure 8; t1/t2
fOUT > 166 MHz, 50% of VDD
40
50
60
%
t3LO
Rising Edge Slew
Rate (VDDL = 2.5 V)
Output clock rise time, 20% to 80% of VDDL.
Defined in Figure 9
0.6
1.2
–
V/ns
t4LO
Falling Edge Slew
Rate (VDDL = 2.5 V)
Output dlock fall time, 80% to 20% of VDDL.
Defined in Figure 9
0.6
1.2
–
V/ns
t3HI
Rising Edge Slew
Rate (VDDL = 3.3 V)
Output dlock rise time, 20% to 80% of
VDD/VDDL. Defined in Figure 9
0.8
1.4
–
V/ns
t4HI
Falling Edge Slew
Rate (VDDL = 3.3 V)
Output dlock fall time, 80% to 20% of VDD/VDDL.
Defined in Figure 9
0.8
1.4
–
V/ns
t5[8]
Skew
Output-output skew between related outputs
–
–
250
ps
t6[9]
Clock Jitter
Peak-to-peak period jitter
–
250
–
ps
t10
PLL Lock Time
–
0.30
3
ms
7. Not 100% tested, guaranteed by design.
8. Skew value guaranteed when outputs are generated from the same divider bank. See Logic Block Diagram on page 1 for more information.
9. Jitter measurements vary. Actual jitter is dependent on XIN jitter and edge rate, number of active outputs, output frequencies, VDDL, (2.5 V or 3.3 V jitter).
Device Characteristics
Parameter
Name
Value
Unit
θ
JA
Theta JA
115
°C/W
Complexity
Transistor Count
74,600
Transistors
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com