Electronic Components Datasheet Search
  English  ▼

X  

CY29972AI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY29972AI
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY29972AI Datasheet HTML 2Page - Cypress Semiconductor CY29972AI Datasheet HTML 3Page - Cypress Semiconductor CY29972AI Datasheet HTML 4Page - Cypress Semiconductor CY29972AI Datasheet HTML 5Page - Cypress Semiconductor CY29972AI Datasheet HTML 6Page - Cypress Semiconductor CY29972AI Datasheet HTML 7Page - Cypress Semiconductor CY29972AI Datasheet HTML 8Page - Cypress Semiconductor CY29972AI Datasheet HTML 9Page - Cypress Semiconductor CY29972AI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 6 of 13
SYNC Output
In situations where output frequency relationships are not integer
multiples of each other, the SYNC output provides a signal for
system synchronization. The CY29972 monitors the relationship
between the QA and QC output clocks. It provides a LOW-going
pulse, one period in duration, one period prior to the coincident
rising edges of the QA and QC outputs. The duration and
placement of the pulse depend on the higher of the QA and QC
output frequencies. The following timing diagram illustrates
various waveforms for the SYNC output. Note that the SYNC
output is defined for all possible combinations of QA and QC
outputs, even though under some relationships the lower
frequency clock could be used as a synchronizing signal.
SYNC
QC
QA
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QC
QA
VCO
1:1 Mode
2:1 Mode
3:1 Mode
3:2 Mode
4:1 Mode
4:3 Mode
6:1 Mode
Figure 1. Timing Diagram
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com