Electronic Components Datasheet Search
  English  ▼

X  

AD8229 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8229
Description  1nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8229 Datasheet HTML 5Page - Analog Devices AD8229 Datasheet HTML 6Page - Analog Devices AD8229 Datasheet HTML 7Page - Analog Devices AD8229 Datasheet HTML 8Page - Analog Devices AD8229 Datasheet HTML 9Page - Analog Devices AD8229 Datasheet HTML 10Page - Analog Devices AD8229 Datasheet HTML 11Page - Analog Devices AD8229 Datasheet HTML 12Page - Analog Devices AD8229 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8229
Rev. 0 | Page 9 of 24
–3
–2
–1
0
1
2
3
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
G = 1, VS = ±5V
25°C
210°C
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±5 V; G = 1
–10
–8
–6
–4
–2
0
2
4
6
8
10
–12 –10
–8
–6
–4
–2
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
G = 1, VS = ±12V
25°C
210°C
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±12 V; G = 1
–14
–10
–6
–12
–8
–4
–2
0
2
4
6
10
8
12
14
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
G = 1, VS = ±15V
25°C
210°C
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±15 V; G = 1
–3
–2
–1
0
1
2
3
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
G = 100, VS = ±5V
25°C
210°C
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±5 V; G = 100
–10
–8
–6
–4
–2
0
2
4
6
8
10
–12 –10
–8
–6
–4
–2
0
2
4
6
8
10
12
OUTPUT VOLTAGE (V)
G = 100, VS = ±12V
25°C
210°C
Figure 14. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±12 V; G = 100
–14
–10
–6
–12
–8
–4
–2
0
2
4
6
10
8
12
14
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
G = 100, VS = ±15V
25°C
210°C
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±15 V; G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com