Electronic Components Datasheet Search
  English  ▼

X  

AD8229 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8229
Description  1nV/?숰z Low Noise 210째C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8229 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8229 Datasheet HTML 16Page - Analog Devices AD8229 Datasheet HTML 17Page - Analog Devices AD8229 Datasheet HTML 18Page - Analog Devices AD8229 Datasheet HTML 19Page - Analog Devices AD8229 Datasheet HTML 20Page - Analog Devices AD8229 Datasheet HTML 21Page - Analog Devices AD8229 Datasheet HTML 22Page - Analog Devices AD8229 Datasheet HTML 23Page - Analog Devices AD8229 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8229
Rev. 0 | Page 21 of 24
OUTLINE DIMENSIONS
0.054
NOM
0.032
NOM
0.130 NOM
8
5
1
4
0.320
0.310
0.300
0.298
0.290
0.282
0.528
0.520
0.512
0.305
0.300
0.295
0.125
0.110
0.095
0.310
0.300
0.290
0.105
0.095
0.085
0.020
0.018
0.016
0.105
0.100
0.095
0.045
0.035
0.025
0.011
0.010
0.009
0.011
0.010
0.009
INDEX
MARK
SEATING
PLANE
0.175 NOM
Figure 64. 8-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-8-1))
Dimensions shown in inches
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8229HDZ
−40°C to +210°C
Ceramic Dual In-Line Package [SBDIP]
D-8-1
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com