Electronic Components Datasheet Search
  English  ▼

X  

LTC6990 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6990
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6990 Datasheet HTML 9Page - Linear Technology LTC6990 Datasheet HTML 10Page - Linear Technology LTC6990 Datasheet HTML 11Page - Linear Technology LTC6990 Datasheet HTML 12Page - Linear Technology LTC6990 Datasheet HTML 13Page - Linear Technology LTC6990 Datasheet HTML 14Page - Linear Technology LTC6990 Datasheet HTML 15Page - Linear Technology LTC6990 Datasheet HTML 16Page - Linear Technology LTC6990 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC6990
13
6990f
OPERATION
Changing DIVCODE After Start-Up
Following start-up, the A/D converter will continue
monitoring VDIV for changes. Changes to DIVCODE will
be recognized slowly, as the LTC6990 places a priority on
eliminating any “wandering” in the DIVCODE. The typical
delay depends on the difference between the old and
new DIVCODE settings and is proportional to the master
oscillator period.
tDIVCODE =16 •(ΔDIVCODE+ 6)• tMASTER
A change in DIVCODE will not be recognized until it is
stable, and will not pass through intermediate codes. A
digital filter is used to guarantee the DIVCODE has settled
to a new value before making changes to the output. Then
the output will make a clean (glitchless) transition to the
new divider setting.
Start-Up Time
When power is first applied to the LTC6990 the power-on
reset (POR) circuit will initiate the start-up time, tSTART.
The OUT pin is floated (high-impedance) during this time.
The typical value for tSTART ranges from 0.5ms to 8ms
depending on the master oscillator frequency (indepen-
dent of NDIV):
tSTART(TYP) = 500 • tMASTER
The start-up time may be longer if the supply or DIV
pin voltages are not stable. For this reason, it is recom-
mended to minimize the capacitance on the DIV pin so it
will properly track V+.
Figure 5. DIVCODE Change from 5 to 2
Figure 6. Typical Start-Up
100μs/DIV
6990 F05
DIV
1V/DIV
OUT
1V/DIV
V+ = 3.3V
RSET = 200k
576μs
100μs/DIV
6990 F06
V+
1V/DIV
OUT
1V/DIV
V+ = 2.5V
DIVCODE = 4
RSET = 50k
OUTPUT CONNECTED
TO 1.25V THROUGH 25k
TO SHOW Hi-Z
470μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com