Electronic Components Datasheet Search
  English  ▼

X  

LTC6990 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6990
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990 Datasheet(HTML) 2 Page - Linear Technology

  LTC6990 Datasheet HTML 1Page - Linear Technology LTC6990 Datasheet HTML 2Page - Linear Technology LTC6990 Datasheet HTML 3Page - Linear Technology LTC6990 Datasheet HTML 4Page - Linear Technology LTC6990 Datasheet HTML 5Page - Linear Technology LTC6990 Datasheet HTML 6Page - Linear Technology LTC6990 Datasheet HTML 7Page - Linear Technology LTC6990 Datasheet HTML 8Page - Linear Technology LTC6990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6990
2
6990f
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+) to GND ........................................6V
Maximum Voltage on Any Pin
............................. (GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Operating Temperature Range (Note 2)
LTC6990C............................................–40°C to 85°C
LTC6990I .............................................–40°C to 85°C
LTC6990H.......................................... –40°C to 125°C
(Note 1)
TOP VIEW
OUT
GND
OE
V+
DIV
SET
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 150°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) CONNECTED TO GND,
PCB CONNECTION OPTIONAL
OE 1
GND 2
SET 3
6 OUT
5 V+
4 DIV
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6990CDCB#PBF
LTC6990CDCB#TRPBF
LDWX
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6990IDCB#PBF
LTC6990IDCB#TRPBF
LDWX
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6990HDCB#PBF
LTC6990HDCB#TRPBF
LDWX
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LTC6990CS6#PBF
LTC6990CS6#TRPBF
LTDWW
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6990IS6#PBF
LTC6990IS6#TRPBF
LTDWW
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6990HS6#PBF
LTC6990HS6#TRPBF
LTDWW
6-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 3)
LTC6990C................................................ 0°C to 70°C
LTC6990I .............................................–40°C to 85°C
LTC6990H.......................................... –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec) ................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com