Electronic Components Datasheet Search
  English  ▼

X  

FMP07N50E Datasheet(PDF) 2 Page - Fuji Electric

Part # FMP07N50E
Description  N-CHANNEL SILICON POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMP07N50E Datasheet(HTML) 2 Page - Fuji Electric

  FMP07N50E Datasheet HTML 1Page - Fuji Electric FMP07N50E Datasheet HTML 2Page - Fuji Electric FMP07N50E Datasheet HTML 3Page - Fuji Electric FMP07N50E Datasheet HTML 4Page - Fuji Electric FMP07N50E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FMP07N50E
2
FUJI POWER MOSFET
0
4
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
4.5V
ID [A]
10V
6V
5V
VGS=4.0V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
ID [A]
Typical Transconductance
gfs=f(ID):80 µs pulse test,VDS=25V,Tch=25 °C
0
1
2
3
4
5
6
7
8
9
10
10
-4
10
-3
10
-2
10
-1
10
0
10
1
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80
0
4
8
12
16
20
24
0
3
6
9
12
15
18
VDS [V]
Typical Output Characteristics
ID=f(VDS):80 µs pulse test,Tch=25 °C
10V
5.0V
6.0V
4.5V
VGS=4.0V
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
DC
t
PD
Power loss waveform :
Square waveform
t
PD
t
PD
Power loss waveform :
Square waveform
VDS [V]
Safe Operating Area
I =f(V ):Duty=0(Single pulse),Tc=25 °c
t=
1µs
10µs
1ms
100µs
0
25
50
75
100
125
150
0
20
40
60
80
100
120
Allowable Power Dissipation
PD=f(Tc)
Tc [°C]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80 µs pulse test,Tch=25 °C
µ
s pulse test,VDS=25V,Tch=25 °C
D
DS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com