Electronic Components Datasheet Search
  English  ▼

X  

FMP07N50E Datasheet(PDF) 4 Page - Fuji Electric

Part # FMP07N50E
Description  N-CHANNEL SILICON POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMP07N50E Datasheet(HTML) 4 Page - Fuji Electric

  FMP07N50E Datasheet HTML 1Page - Fuji Electric FMP07N50E Datasheet HTML 2Page - Fuji Electric FMP07N50E Datasheet HTML 3Page - Fuji Electric FMP07N50E Datasheet HTML 4Page - Fuji Electric FMP07N50E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FMP07N50E
4
FUJI POWER MOSFET
10-6
10-5
10-4
10-3
10-2
10-1
100
10-3
10-2
10-1
100
101
Transient Thermal Impedance
Zth(ch-c)=f(t):D=0
t [sec]
0
25
50
75
100
125
150
0
50
100
150
200
250
300
IAS=2.6A
IAS=3.9A
IAS=6.5A
starting Tch [°C]
Maximum Avalanche Energy vs. starting Tch
E(AV)=f(starting Tch):Vcc=50V,I(AV)<=6.5A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com