Electronic Components Datasheet Search
  English  ▼

X  

KN2907AS Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KN2907AS
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN2907AS Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KN2907AS Datasheet HTML 1Page - KEC(Korea Electronics) KN2907AS Datasheet HTML 2Page - KEC(Korea Electronics) KN2907AS Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 6. 25
3/3
KN2907S/AS
Revision No : 3
0
-30
-10
-3
-1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
h
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
1k
10
COLLECTOR CURRENT I
(mA)
-3
-1
-30
-10
C
V
,V
- I
FE
C
-300
-1k
30
50
100
300
500
-100
V
=-10V
CE
BE(sat)
CE(sat)
C
-100
-300
-1k
-0.01
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
-10
VBE(sat)
CE(sat)
V
ob
CB
-100
-200
I /I =10
CB
2
4
6
8
12
I =0
f=1MHz
E
10
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0
0
25
50
75
100
125
150
100
200
300
400
500
MOUNTED ON 99.5%
AIUMINA 10
x8x0.6mm
Ta=25 C
1
2
1
175
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com