Electronic Components Datasheet Search
  English  ▼

X  

KN2907AS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KN2907AS
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN2907AS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KN2907AS Datasheet HTML 1Page - KEC(Korea Electronics) KN2907AS Datasheet HTML 2Page - KEC(Korea Electronics) KN2907AS Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 6. 25
1/3
SEMICONDUCTOR
TECHNICAL DATA
KN2907S/AS
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
Low Leakage Current
: ICEX=-50nA(Max.) ; VCE=-30V, VEB=-0.5V.
Low Saturation Voltage
: VCE(sat)=-0.4V(Max.) ; IC=150mA, IB=-15mA.
Complementary to the KN2222S/2222AS.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
KN2907S
KN2907AS
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-40
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-600
mA
Collector Power Dissipation
(Ta=25
)
PC
150
mW
PC *
350
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Note : * Package Mounted On 99.5% Alumina 10
8
0.6
)
Type Name
Marking
Lot No.
ZDA
Type Name
Lot No.
ZHA
MARK SPEC
TYPE
MARK
KN2907S
ZDA
KN2907AS
ZHA


Similar Part No. - KN2907AS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KN2907AS KEC-KN2907AS Datasheet
261Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KN2907AS KEC-KN2907AS Datasheet
498Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KN2907AS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com