Electronic Components Datasheet Search
  English  ▼

X  

LM4050 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # LM4050
Description  50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button LM4050 Datasheet HTML 3Page - Maxim Integrated Products LM4050 Datasheet HTML 4Page - Maxim Integrated Products LM4050 Datasheet HTML 5Page - Maxim Integrated Products LM4050 Datasheet HTML 6Page - Maxim Integrated Products LM4050 Datasheet HTML 7Page - Maxim Integrated Products LM4050 Datasheet HTML 8Page - Maxim Integrated Products LM4050 Datasheet HTML 9Page - Maxim Integrated Products LM4050 Datasheet HTML 10Page - Maxim Integrated Products LM4050 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
_______________________________________________________________________________________
7
Note 1: All devices are 100% production tested at +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: The limit over the full temperature range for the reverse breakdown voltage tolerance is defined as:
[VRTOL] ±[(
∆VR / ∆T) X (max∆T) X (VR)]
where
∆VR / ∆T is the VR temperature coefficient, max∆T is the difference from the +25°C reference point to TMIN or TMAX,
and VR is the reverse breakdown voltage.
The total tolerance over the full temperature range for the different grades where max
∆T = +100°C is shown below:
• A grade: ±0.6% = ±0.1% ±50ppm/°C  100°C
• B grade: ±0.7% = ±0.2% ±50ppm/°C  100°C
• C grade: ±1.0% = ±0.5% ±50ppm/°C  100°C
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS—5.000V
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LM4050A (0.1%)
4.9950
5.0000
5.0050
LM4050B (0.2%)
4.9900
5.0000
5.0100
Reverse Breakdown Voltage
VR
TA = +25
°C
LM4050C (0.5%)
4.9750
5.0000
5.0250
V
LM4050A
±5.0
±30
LM4050B
±10
±35
Reverse Breakdown Voltage
Tolerance (Note 2)
VRTOL
LM4050C
±25
±50
mV
Minimum Operating Current
IRMIN
54
80
µA
IR = 10mA
±30
IR = 1mA
±20
±50
Average Reverse Voltage
Temperature Coefficient
(Notes 2, 3)
∆VR/∆T
IR = 100µA
±15
ppm/
°C
IRMIN
≤ IR ≤ 1mA
0.5
1.4
Reverse Breakdown Voltage
Change with Operating
Current Change
1mA
≤ IR ≤ 15mA
3.5
12.0
mV
Reverse Dynamic
Impedance (Note 3)
ZR
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.5
1.1
Ω
Wideband Noise
eN
IR = 100µA, 10Hz
≤ f ≤ 10kHz
80
µVRMS
Reverse Breakdown Voltage
Long-Term Stability
∆VR
T = 1000h
120
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com