Electronic Components Datasheet Search
  English  ▼

X  

LM4050 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # LM4050
Description  50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button LM4050 Datasheet HTML 6Page - Maxim Integrated Products LM4050 Datasheet HTML 7Page - Maxim Integrated Products LM4050 Datasheet HTML 8Page - Maxim Integrated Products LM4050 Datasheet HTML 9Page - Maxim Integrated Products LM4050 Datasheet HTML 10Page - Maxim Integrated Products LM4050 Datasheet HTML 11Page - Maxim Integrated Products LM4050 Datasheet HTML 12Page - Maxim Integrated Products LM4050 Datasheet HTML 13Page - Maxim Integrated Products LM4050 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
______________________________________________________________________________________
13
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
3 SOT23
U3+1
21-0051
90-0179
3 SC70
X3+2
21-0075
90-0208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com