Electronic Components Datasheet Search
  English  ▼

X  

B1644 Datasheet(PDF) 2 Page - EPCOS

Part # B1644
Description  SAW RF low loss filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1644 Datasheet(HTML) 2 Page - EPCOS

  B1644 Datasheet HTML 1Page - EPCOS B1644 Datasheet HTML 2Page - EPCOS B1644 Datasheet HTML 3Page - EPCOS B1644 Datasheet HTML 4Page - EPCOS B1644 Datasheet HTML 5Page - EPCOS B1644 Datasheet HTML 6Page - EPCOS B1644 Datasheet HTML 7Page - EPCOS B1644 Datasheet HTML 8Page - EPCOS B1644 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
July 27, 2010
B1644
2338.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR
DETAILED SEPECIFICATION CHANGES
DATE
B1644_2.0
A. Ma
initial release
Dec 17, 2008
B1644_2.1
A. Ma
new temperature range included (-20 to 85)
Dec 09, 2009
B1644_2.2
A. Ma
typical value at 2320MHz changed from 6dB to
4dB. Min spec at output return loss removed
Jan 27, 2010
B1644_2.3
A. Ma
min output return loss added back (10.0dB),
typical value change from 10dB to 15dB
Feb 04, 2010
B1644_2.4
A. Ma
typical value at 2320MHz changed back to 6dB Feb 25, 2010
B1644_2.5
A. Ma
include human model spec and change ma-
chine model spec from 50V to 100V
Jul 16, 2010
B1644_2.6
A. Ma
include revision history page
Jul 27, 2010



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com