Electronic Components Datasheet Search
  English  ▼

X  

B1644 Datasheet(PDF) 4 Page - EPCOS

Part # B1644
Description  SAW RF low loss filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1644 Datasheet(HTML) 4 Page - EPCOS

  B1644 Datasheet HTML 1Page - EPCOS B1644 Datasheet HTML 2Page - EPCOS B1644 Datasheet HTML 3Page - EPCOS B1644 Datasheet HTML 4Page - EPCOS B1644 Datasheet HTML 5Page - EPCOS B1644 Datasheet HTML 6Page - EPCOS B1644 Datasheet HTML 7Page - EPCOS B1644 Datasheet HTML 8Page - EPCOS B1644 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
July 27, 2010
B1644
2338.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
2338.75
—
MHz
Maximum insertion attenuation
α
max
2332.5
... 2345.0
MHz
—
2.4
3.5
dB
Amplitude ripple (p-p)
∆α
2332.5
... 2345.0
MHz
—
0.4
1.6
dB
Output amplitude balance (|S31/S21|)
2332.5
... 2345.0
MHz
–1.2
-0.7/0.0
1.5
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
2332.5
... 2345.0
MHz
–9.0
-7.0/-1.8
1.0
˚
Input return loss
10.0
15.0
—
dB
Output return loss
10.0
15.0
—
dB
Attenuation
α
88.0
...
108.0
MHz
50
65
—
dB
880.0
...
960.0
MHz
40
56
—
dB
1710.0
... 1910.0
MHz
38
43
—
dB
2305.0
MHz
—
11
—
dB
2310.0
MHz
—
9
—
dB
2315.0
MHz
—
9
—
dB
2320.0
MHz
—
6
—
dB
2450.0
MHz
20
25
—
dB
3060.0
MHz
35
50
—
dB
Group delay ripple (p-p)
2332.5
... 2345.0
MHz
—
3
15
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com