Electronic Components Datasheet Search
  English  ▼

X  

B1720 Datasheet(PDF) 3 Page - EPCOS

Part # B1720
Description  SAW IF filter Satellite radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1720 Datasheet(HTML) 3 Page - EPCOS

  B1720 Datasheet HTML 1Page - EPCOS B1720 Datasheet HTML 2Page - EPCOS B1720 Datasheet HTML 3Page - EPCOS B1720 Datasheet HTML 4Page - EPCOS B1720 Datasheet HTML 5Page - EPCOS B1720 Datasheet HTML 6Page - EPCOS B1720 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
February 19, 2010
B1720
115.18 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200 Ω and matching network
Terminating load impedance:
ZL = 200 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
115.18
—
MHz
Minimum insertion attenuation1)
1) Including losses in the matching network
Inductor type TOKO LL1005FHL
α
min
—
14.2
15.7
dB
Amplitude ripple (p-p)
∆α
108.9300 ... 110.7875 MHz
—
0.3
1.3
dB
110.7875 ... 112.6450 MHz
—
0.2
1.2
dB
112.6450 ... 115.1550 MHz
—
0.3
1.2
dB
115.2050 ... 117.7150 MHz
—
0.2
1.2
dB
117.7150 ... 119.5725 MHz
—
0.2
1.2
dB
119.5725 ... 121.4300 MHz
—
0.5
1.3
dB
Pass bandwidth
α
rel ≤ 1.5 dB
B1.5dB
—
13.3
—
MHz
α
rel ≤ 3dB
B3dB
—
14.0
—
MHz
Attenuation (relative to
α
min)
α
rel
Lower sidelobe
90.000
...
98.680
MHz
48.0
55.0
—
dB
98.680
... 104.680
MHz
38.0
42.0
—
dB
Upper sidelobe
124.180
... 131.180
MHz
30.0
35.0
—
dB
131.180
... 140.000
MHz
42.0
48.0
—
dB
Group delay ripple (p-p)
∆τ
108.9300 ... 110.7875 MHz
—
20
—
ns
110.7875 ... 112.6450 MHz
—
20
—
ns
112.6450 ... 115.1550 MHz
—
20
—
ns
115.2050 ... 117.7150 MHz
—
30
—
ns
117.7150 ... 119.5725 MHz
—
30
—
ns
119.5725 ... 121.4300 MHz
—55
—
ns
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com