Electronic Components Datasheet Search
  English  ▼

X  

B1720 Datasheet(PDF) 4 Page - EPCOS

Part # B1720
Description  SAW IF filter Satellite radio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1720 Datasheet(HTML) 4 Page - EPCOS

  B1720 Datasheet HTML 1Page - EPCOS B1720 Datasheet HTML 2Page - EPCOS B1720 Datasheet HTML 3Page - EPCOS B1720 Datasheet HTML 4Page - EPCOS B1720 Datasheet HTML 5Page - EPCOS B1720 Datasheet HTML 6Page - EPCOS B1720 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
February 19, 2010
B1720
115.18 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 200
Ω (element values depend on PCB layout)
Transfer function
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Source power
PS
10
dBm
Lp1 = 56 nH
Ls2 = 18 nH
Ls3 = 27 nH
Lp4 = 68 nH
Lp1
Lp4
Ls2
Ls2
Ls3
Ls3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com